Electronic Components Datasheet Search
  English  ▼

X  

STF2456 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STF2456
Description  Super high dense cell design for low RDS(ON).
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STF2456 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STF2456 Datasheet HTML 1Page - SamHop Microelectronics Corp. STF2456 Datasheet HTML 2Page - SamHop Microelectronics Corp. STF2456 Datasheet HTML 3Page - SamHop Microelectronics Corp. STF2456 Datasheet HTML 4Page - SamHop Microelectronics Corp. STF2456 Datasheet HTML 5Page - SamHop Microelectronics Corp. STF2456 Datasheet HTML 6Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STF2456
Ver 1.0
www.samhop.com.tw
Sep,06,2012
5
0.1
100
1000
100
10
1
VDS - Drain to Source Voltage - V
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
10
0.1
100
1000
10
1
Tch - Channel Temperature - °C
SWITCHING CHARACTERISTICS
QG - Gate Charge -nC
DYNAMIC INPUT CHARACTERISTICS
0.01
0.1
100
10
1
0.6
0.4
0.2
0
VF(S-D) - Source to Drain Voltage - V
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
Coss
Crss
Ciss
VDD = 20.0 V
VGS = 4.5 V
RG =6 Ω
td(on)
tr
td(off)
tf
0
0
4
3
2
8
6
4
2
ID = 7.0 A
1
1.2
1.0
0.8
VGS =0V
-50
5
20
15
10
150
100
50
0
Tch - Channel Temperature - °C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
30
25
VGS = 2.5 V
3.1 V
4.0 V
4.5 V
3.7 V
35
ID = 3.5 A
VDD = 5.0 V
12 V
20 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com