Electronic Components Datasheet Search
  English  ▼

X  

D15SB10 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # D15SB10
Description  15A(SIP) BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

D15SB10 Datasheet(HTML) 2 Page - Leshan Radio Company

  D15SB10 Datasheet HTML 1Page - Leshan Radio Company D15SB10 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
19C–2/2
D15SB60 – D15SB100
15A(SIP)
15A(SIP) BRIDGE RECTIFIERS RATING & CHARACTERISTIC CURVES
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
INSTANTANEOUS FORWARD OLTAGE. VOLTS
0
50
70
100
150
15
10
5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
1.0
0.1
0.01
FIG. 3 - TYPICAL FORWARD CHARACTERISTICS
FIG. 1 - DERATING CURVE FOR OUTPUT
RECTIFIED CURRRENT
250
200
150
100
50
0
0
50
100
AMBIENT TEMPERATUER.°C
NUMBER OF CYCLES AT 60Hz
PERCENT OF RATED PEAK REVERSE VOLTAGE %
20
40
60
80
100
120
140
1000
100
10
1.0
0.1
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
TJ = 25°C
TJ = 125°C
HEAT-SINK
MPUNTING
MOUNTED ON 4 X 4 INCH
COPPER PC BOARD TA = 0.51
1.27mm LEAD LENCTH
TJ = 25°C
TJ = 150°C
TJ = 25°C
TJ = 150°C
TJ = 100°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com