Electronic Components Datasheet Search
  English  ▼

X  

FMMT593 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FMMT593
Description  100V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT593 Datasheet(HTML) 4 Page - Diodes Incorporated

  FMMT593_15 Datasheet HTML 1Page - Diodes Incorporated FMMT593_15 Datasheet HTML 2Page - Diodes Incorporated FMMT593_15 Datasheet HTML 3Page - Diodes Incorporated FMMT593_15 Datasheet HTML 4Page - Diodes Incorporated FMMT593_15 Datasheet HTML 5Page - Diodes Incorporated FMMT593_15 Datasheet HTML 6Page - Diodes Incorporated FMMT593_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FMMT593
Document number: DS33106 Rev. 5 - 2
4 of 7
www.diodes.com
January 2013
© Diodes Incorporated
FMMT593
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-120
—
—
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 8)
BVCEO
-100
—
—
V
IC = -1mA
Emitter-Base Breakdown Voltage
BVEBO
-7
—
—
V
IE = -100µA
Collector Cutoff Current
ICBO
—
—
-100
nA
VCB = -100V
Emitter Cutoff Current
IEBO
—
—
-100
nA
VEB = -5.6V
Collector-Emitter Cut-Off Current
ICES
—
—
-100
nA
VCES = -100V
Static Forward Current Transfer Ratio (Note 8)
hFE
100
100
100
50
—
—
—
300
—
—
IC = -1mA, VCE = -5V
IC = -250mA, VCE = -5V
IC = -500mA, VCE = -5V
IC = -1A, VCE = -5V
Collector-Emitter Saturation Voltage (Note 8)
VCE(sat)
—
—
-200
-300
mV
IC = - 250mA, IB = -25mA
IC = - 500mA, IB = -50mA
Base-Emitter Saturation Voltage (Note 8)
VBE(sat)
—
—
-1.1
V
IC = -500mA, IB = -50mA
Base-Emitter Turn-On Voltage (Note 8)
VBE(on)
—
—
-1.0
V
IC = -1mA, VCE = -5V
Transition Frequency
fT
50
—
—
MHz
VCE = -10V, IC = -50mA,
f = 100MHz
Output Capacitance
Cobo
—
—
5
pF
VCB = -10V, f = 1MHz
Notes:
8. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com