Electronic Components Datasheet Search
  English  ▼

X  

UPD78C14 Datasheet(PDF) 1 Page - NEC

Part # UPD78C14
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C14 Datasheet(HTML) 1 Page - NEC

  UPD78C14 Datasheet HTML 1Page - NEC UPD78C14 Datasheet HTML 2Page - NEC UPD78C14 Datasheet HTML 3Page - NEC UPD78C14 Datasheet HTML 4Page - NEC UPD78C14 Datasheet HTML 5Page - NEC UPD78C14 Datasheet HTML 6Page - NEC UPD78C14 Datasheet HTML 7Page - NEC UPD78C14 Datasheet HTML 8Page - NEC UPD78C14 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
©
1994
The
µPD78C14(A) is a single-chip, CMOS 8-bit microcontroller in which a 16-bit ALU, a ROM, a RAM, an A/D converter,
a multifunction timer/event counter, and a serial interface are all integrated. Moreover, a 48-Kbyte external expansion
memory (ROM/RAM) can be connected.
Since the
µPD78C14(A) uses the CMOS construction, its operations are performed with low power consumption. By
using the standby function, functions such as data retention are performed with lower power consumption.
For details on functions, refer to the User’s Manual listed below. Please read it before starting design work.
87AD series
µPD78C18 User’s Manual: IEU-1314
FEATURES
High reliability as compared with
µPD78C14
159 instructions: 87AD instruction set
Multiply and divide instructions, 16-bit arithmetic operation instructions
Instruction cycle: 0.8
µs at 15 MHz
Internal ROM: 16384 W x 8
Internal RAM: 256 W x 8
Direct addressing to an external memory (ROM/RAM) up to 64 Kbytes
Highly accurate 8-bit A/D converter: Eight analog inputs
General-purpose serial interface: Asynchronous, synchronous, and I/O interface modes
Multifunction 16-bit timer/event counter
Two 8-bit timers
I/O lines: 44
Interrupt functions: Three external, eight internal
• Non-maskable interrupt: 1
• Maskable interrupts: 10
Zero-cross detection function (two inputs)
Standby functions: HALT mode, Hardware/software STOP mode
ORDERING INFORMATION
Part number
Package
Quality grade
µPD78C14G(A)-xxx-36
64-pin plastic QUIP
Special
µPD78C14GF(A)-xxx-3BE
64-pin plastic QFP (14 x 20 mm)
Special
µPD78C14L(A)-xxx
68-pin plastic QFJ (950 x 950 mil)
Special
Remark xxx is a ROM code suffix.
Document No. IC-2813B
(O.D. No. IC-8242B)
Date Published May 1995 P
Printed in Japan
µPD78C14(A)
MOS INTEGRATED CIRCUIT
8-BIT SINGLE-CHIP MICROCONTROLLER (WITH A/D CONVERTER)
Please refer to “Quality grade on NEC Semiconductor Devices” (Document number IEI-1209) published by
NEC Corporation to know the specification of quality grade on the devices and its recommended applications.
©
1991
H The mark
shows revised points.
*
DATA SHEET
The information in this document is subject to change without notice.


Similar Part No. - UPD78C14

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78C14 RENESAS-UPD78C14 Datasheet
436Kb / 54P
MOS INTEGRATED CIRCUIT
1991
UPD78C14A RENESAS-UPD78C14A Datasheet
4Mb / 100P
MOS INTEGRATED CIRCUIT
1990
UPD78C14A RENESAS-UPD78C14A Datasheet
436Kb / 54P
MOS INTEGRATED CIRCUIT
1991
UPD78C14GA-XXX-36 RENESAS-UPD78C14GA-XXX-36 Datasheet
436Kb / 54P
MOS INTEGRATED CIRCUIT
1991
UPD78C14GFA-XXX-3BE RENESAS-UPD78C14GFA-XXX-3BE Datasheet
436Kb / 54P
MOS INTEGRATED CIRCUIT
1991
More results

Similar Description - UPD78C14

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78C10A NEC-UPD78C10A Datasheet
3Mb / 66P
8-BIT SINGLE-CHIP MICROCOMPUTER WITH A/D CONVERTER
UPD78C17 NEC-UPD78C17 Datasheet
793Kb / 110P
8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
logo
OKI electronic componet...
MSM65524A OKI-MSM65524A Datasheet
202Kb / 27P
8-Bit Microcontroller with A/D Converter
logo
Hynix Semiconductor
GMS81C2020 HYNIX-GMS81C2020 Datasheet
1Mb / 92P
CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112 Datasheet
1Mb / 97P
8-bit Microcontroller with A/D Converter
logo
Microchip Technology
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
List of Unclassifed Man...
HMS81C2012A ETC1-HMS81C2012A Datasheet
1Mb / 107P
CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
logo
OKI electronic componet...
MSM65522 OKI-MSM65522 Datasheet
183Kb / 22P
8-Bit Microcontroller with A/D Converter
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
8-bit Microcontroller with A/D Converter
T80C5112 ATMEL-T80C5112_00 Datasheet
763Kb / 97P
8-bit Microcontroller with A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com