Electronic Components Datasheet Search
  English  ▼

X  

DTA143ECA Datasheet(PDF) 2 Page - Leshan Radio Company

Part # DTA143ECA
Description  Digital transistors(built-in resistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

DTA143ECA Datasheet(HTML) 2 Page - Leshan Radio Company

  DTA143ECA Datasheet HTML 1Page - Leshan Radio Company DTA143ECA Datasheet HTML 2Page - Leshan Radio Company DTA143ECA Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
P8–2/3
DTA143EKA
DTA143ECA
• Elecrical characteristics(Ta=25°C)
Parameter
symbol
Min.
Typ.
Max.
Unit
Conditions
Input voltage
V I(off)
—
—
–0.5
V
VCC= – 5V,IO= –100
µA
V I(on)
–3
—
—
VO= – 0.3V,IO= – 20mA
Output Voltage
V O(on)
—
–0.1
–0.3
V
I O/ I I = –10mA / –0.5mA
Input current
I I
—
—
–1.8
mA
V I= – 5V
Output current
I O(off)
—
—
–0.5
µAV
CC= – 50V,V I = 0 V
DC current gain
G I
20
—
—
—
V O= – 5V,I O= – 10mA
Input resistance
R 1
3.29
4.7
6.11
K
Ω
—
Resistance ratio
R 2 / R 1
0.8
1
1.2
—
—
Transition frequency
f T
—
250
—
MHz
V CE= – 10V,I E = 5 mA,f=100MHz*
*Transition frequency of the device
• Packaging specifications
Package
SC–59
SOT–23
Package type
Taping
Taping
Code
T146
T116
Basic ordering
3000
3000
Part No.
unit(pieces)
DTA143EKA
O
—
DTA143ECA
—
O



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com