Electronic Components Datasheet Search
  English  ▼

X  

DTC114EKA Datasheet(PDF) 2 Page - Leshan Radio Company

Part # DTC114EKA
Description  Digital transistors(built-in resistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

DTC114EKA Datasheet(HTML) 2 Page - Leshan Radio Company

  DTC114EKA Datasheet HTML 1Page - Leshan Radio Company DTC114EKA Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
P11–2/2
DTC114EKA DTC114ECA
• Elecrical characteristics(Ta=25°C)
Parameter
symbol
Min.
Typ.
Max.
Unit
Conditions
Input voltage
V I(off)
—
—
0.5
V
VCC= 5V,IO= 100
µA
V I(on)
3—
—
VO= 0.3V,IO= 10mA
Output Voltage
V O(on)
—
0.1
0.3
V
I O/ I I = 10mA / 0.5mA
Input current
I I
—
—
0.88
mA
V I= 5V
Output current
I O(off)
—
—
0.5
µAV
CC= 50V,V I = 0 V
DC current gain
G I
30
—
—
—
V O= 5V, I O= 5mA
Input resistance
R 1
710
13
K
Ω
—
Resistance ratio
R 2 / R 1
0.8
1
1.2
—
—
Transition frequency
f T
—
250
—
MHz
V CE= 10V, I E = –5mA, f=100MHz*
*Transition frequency of the device
ELECTRICAL CHARACTERISTIC CURVES
-100
-50
-20
-10
-5
-2
-1
-0.5
-0.2
-0.1
-100
µ-200µ
-500
µ -1m
-2m
-5m
-10m -20m
-50m -100m
OUTPUT CURRENT: I O (A)
Figure 1. Input voltage vs.output current
(ON characteristics)
T A = –40°C
25°C
100°C
V O = – 0.3V
-10m
-5m
-2m
-1m
-500
µ
-200
µ
-100
µ
-50
µ
-20
µ
-10
µ
-5
µ
-2
µ
-1
µ
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
INPUT VOLTAGE: V I(ON) (V)
Figure 2. Output current vs.input voltage
(OFF characteristics)
T A = 100°C
25°C
–40°C
V CC= – 5 V
1K
500
200
100
50
20
10
5
2
1
-100
µ-200µ
-500
µ -1m
-2m
-5m
-10m -20m
-50m -100m
OUTPUT CURRENT: I O (A)
Figure 3. DC current gain vs.output current
V O = – 5 V
T A = 100°C
25°C
–40°C
-1
-0.5
-0.2
-0.1
-0.05
-0.02
-0.01
-.005
-.002
-.001
-100
µ-200µ
-500
µ -1m
-2m
-5m
-10m -20m
-50m -100m
OUTPUT CURRENT: I O (A)
Figure 4. Output voltage vs.output current
I O / I I = 20
T A = 100°C
25°C
–40°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com