Electronic Components Datasheet Search
  English  ▼

X  

DTC124EKA Datasheet(PDF) 2 Page - Leshan Radio Company

Part # DTC124EKA
Description  Digital transistors(built-in resistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

DTC124EKA Datasheet(HTML) 2 Page - Leshan Radio Company

  DTC124EKA Datasheet HTML 1Page - Leshan Radio Company DTC124EKA Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
P16–2/2
ELECTRICAL CHARACTERISTIC CURVES
100
50
20
10
5
2
1
0.5
0.2
0.1
100
µ 200µ
500
µ
1m
2m
5m
10m
20m
50m 100m
OUTPUT CURRENT: I O (A)
Figure 1. Input voltage vs.output current
(ON characteristics)
T A = –40°C
25°C
100°C
V O = 0.3V
10m
5m
2m
1m
500
µ
200
µ
100
µ
50
µ
20
µ
10
µ
5
µ
2
µ
1
µ
0
0.5
1.0
1.5
2.0
2.5
3.0
INPUT VOLTAGE: V I(ON) (V)
Figure 2. Output current vs.input voltage
(OFF characteristics)
T A = 100°C
25°C
–40°C
V CC= 5 V
1K
500
200
100
50
20
10
5
2
1
100
µ 200µ
500
µ
1m
2m
5m
10m
20m
50m 100m
OUTPUT CURRENT: I O (A)
Figure 3. DC current gain vs.output current
V O = 5 V
T A = 100°C
25°C
–40°C
1
0.5
0.2
0.1
0.05
0.02
0.01
.005
.002
.001
100
µ 200µ
500
µ
1m
2m
5m
10m
20m
50m 100m
OUTPUT CURRENT: I O (A)
Figure 4. Output voltage vs.output current
I O / I I = 20
T A = 100°C
25°C
–40°C
DTC143EKA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com