Electronic Components Datasheet Search
  English  ▼

X  

FMMTL718 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMTL718
Description  20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMTL718 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMTL718_15 Datasheet HTML 1Page - Diodes Incorporated FMMTL718_15 Datasheet HTML 2Page - Diodes Incorporated FMMTL718_15 Datasheet HTML 3Page - Diodes Incorporated FMMTL718_15 Datasheet HTML 4Page - Diodes Incorporated FMMTL718_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FMMTL718
Document Number: DS33132 Rev. 2 - 2
1 of 5
www.diodes.com
June 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMTL718
20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Features and Benefits
•
BVCEO > -20V
•
IC = -1A Continuous Collector Current
•
ICM = -2A Peak Pulse Current
•
Low Saturation Voltage VCE(sat) < -320mV @ -1A
•
hFE characterised up to -1.5A for high current gain hold-up
•
500mW power dissipation
•
Complementary part number FMMTL618
•
Lead Free, RoHS Compliant (Note 1)
•
Halogen and Antimony Free "Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT-23
•
UL Flammability Rating 94V-0
•
Case material: molded Plastic.
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Matte Tin Finish annealed over Copper plated Alloy
42 leadframe. Solderable per MIL-STD-202, Method 208
•
Weight: 0.008 grams (Approximate)
Applications
•
MOSFET Gate Driving
•
DC-DC Converters
•
Charging circuit
•
Power switches
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FMMTL718TA
L78
7
8
3,000
Notes:
1. No purposefully added lead.
2. Diodes Inc.`s “Green” Policy can be found on our website at http://www.diodes.com
3. For Packaging Details, go to our website at http://www.diodes.com.
Marking Information
L78 = Product Type Marking Code
C
E
B
Top View
SOT23
Device Symbol
Top View
Pin-Out


Similar Part No. - FMMTL718_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMTL718 DIODES-FMMTL718_11 Datasheet
235Kb / 5P
20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 2
More results

Similar Description - FMMTL718_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT618TA DIODES-FMMT618TA Datasheet
181Kb / 8P
20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT717 DIODES-FMMT717_12 Datasheet
294Kb / 7P
12V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMTL718 DIODES-FMMTL718_11 Datasheet
235Kb / 5P
20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 2
DSS20200L DIODES-DSS20200L_15 Datasheet
222Kb / 7P
20V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 3
DSS5240T DIODES-DSS5240T_15 Datasheet
243Kb / 7P
40V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 4
FMMT618 DIODES-FMMT618_15 Datasheet
180Kb / 7P
20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT717 DIODES-FMMT717_15 Datasheet
417Kb / 7P
12V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT718 DIODES-FMMT718_15 Datasheet
395Kb / 7P
20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 4
FMMT720 DIODES-FMMT720_15 Datasheet
583Kb / 7P
40V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 4
FMMT722 DIODES-FMMT722_15 Datasheet
286Kb / 7P
70V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com