Electronic Components Datasheet Search
  English  ▼

X  

FR307G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # FR307G
Description  FAST GPP DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FR307G Datasheet(HTML) 1 Page - Leshan Radio Company

  FR307G Datasheet HTML 1Page - Leshan Radio Company FR307G Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
40A–1/2
FAST GPP DIODES
FR301G
FR302G
FR303G
FR304G
FR305G
FR306G
FR307G
TYPE
Maximum
Peak Reverse
Voltage
Maximum Average
Rectified Current
@ Half-Wave
Resistive Load 60Hz
Maximum
Forward Peak
Surge Current @
8.3ms Superimposed
Maximum
Reverse
Current @ PRV
@ T
A=25ºC
Maximum
Forward
Voltage
@ T
A=25ºC
Package
Dimensions
Maximum
Reverse
Recovery Time
3.0
Trr
I F = 0.5A, I R = 1.0A, I RR = 0.25A
Trr Test Conditions: I F = 0.5A, I R = 1.0A, I RR = 0.25A
50
100
200
400
600
800
1000
PRV
V PK
I O @ T L
AAV
ºC
I FM (Surge)
A PK
I R
µAdc
I FM
V FM
A PK
V PK
Trr
ns
FR301G – FR307G
55
125
5.0
3.0
1.3
150
150
150
150
250
500
500
DO –
201AD
.052(1.3)
DIA
.048(1.2)
.220(5.6)
DIA
.197(5.0)
1.0(25.4)
MIN
.375(9.5)
.335(8.5)
1.0(25.4)
MIN
DO – 201AD


Similar Part No. - FR307G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR307G RECTRON-FR307G Datasheet
238Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
Jinan Gude Electronic D...
FR307G JGD-FR307G Datasheet
145Kb / 2P
3.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Sunrise Electr...
FR307G SSE-FR307G Datasheet
15Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Bytes
FR307G BYTES-FR307G Datasheet
153Kb / 2P
3.0AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Dc Components
FR307G DCCOM-FR307G Datasheet
440Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR307G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1B5400G LRC-1B5400G Datasheet
50Kb / 2P
3A GENERAL PURPOSE GPP DIODES
1N4001G LRC-1N4001G Datasheet
51Kb / 2P
1A GENERAL PURPOSE GPP DIODES
1N4933G LRC-1N4933G Datasheet
57Kb / 2P
FAST GPP DIODES
1N4942 LRC-1N4942 Datasheet
54Kb / 2P
FAST GPP DIODES
1N5391G LRC-1N5391G Datasheet
54Kb / 2P
1.5A GENERAL PURPOSE GPP DIODES
BA157G LRC-BA157G Datasheet
51Kb / 2P
FAST GPP DIODES
FR101G LRC-FR101G Datasheet
51Kb / 2P
FAST GPP DIODES
FR151G LRC-FR151G Datasheet
52Kb / 2P
FAST GPP DIODES
HER101 LRC-HER101 Datasheet
61Kb / 2P
1A HIGH EFFICIENCY GPP DIODES
HER201 LRC-HER201 Datasheet
61Kb / 2P
24 HIGH EFFICIENCY GPP DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com