Electronic Components Datasheet Search
  English  ▼

X  

HVC363A Datasheet(PDF) 1 Page - Leshan Radio Company

Part # HVC363A
Description  Variable Capacitance Diode for TV Tuner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HVC363A Datasheet(HTML) 1 Page - Leshan Radio Company

  HVC363A Datasheet HTML 1Page - Leshan Radio Company HVC363A Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
HVC363A–1/2
Variable Capacitance Diode
for TV Tuner
FEATURES
• High capacitance ratio.(n=15.0Typ)
• Low series resistance (r
s=0.75Ωmax) and good C-V linearity.
• Ultra small Flat Package (UFP) is suitable for surface mount design.
DEVICE MARKING
HVC363A = V3
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Item
Symbol
Value
Unit
Peak reverse voltage
VRM* 1
35
V
Reverse voltage
VR
32
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
– 55 to +125
°C
Notes
1.RL=10k
Ω
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse voltage
VR
32
–
–
V
IR = 1
µA
Reverse current
IR1
––
10
nA
VR = 30V
IR2
–
–
100
VR = 30V, TA = 60°C
Capacitance
C1
34.65
–
42.35
pF
VR = 1V, f = 1 MHz
C28
2.361
–
2.754
VR = 28V, f = 1 MHz
Capacitance ratio
n
13.5
15.0
–
–
C1/ C28
Series resistance
rs
–
–
0.75
Ω
C=14pF, f = 470 MHz
Matching error
∆C/C * 1
–
–
2.0
%
VR = 1 to 28V , f = 1 MHz
Linealty factor * 2
–
–
-1.2
–
–
∆logC / ∆logV
Notes 1. C.C system (Continuous Connected taping system) enable to make any 10 pcs of
∆C/C
continuous in a reel , expect extention to another group.
Calculate Matching Error,
∆C/C=
(Cmax-Cmin)
x 100 (%)
Cmin
Notes 2. Calculate LF (
∆logC / ∆logV) at V
R = 1 througn 28V , f = 1 MHz .(Reference Value)
2
ANODE
1
CATHODE
SOD– 523
1
2
HVC363A


Similar Part No. - HVC363A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC363A HITACHI-HVC363A Datasheet
32Kb / 5P
Variable Capacitance Diode for TV tuner
logo
Renesas Technology Corp
HVC363A RENESAS-HVC363A Datasheet
250Kb / 5P
Variable Capacitance Diode for TV tuner
More results

Similar Description - HVC363A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC308A HITACHI-HVC308A Datasheet
24Kb / 5P
Variable Capacitance Diode for TV tuner
HVC363B HITACHI-HVC363B Datasheet
30Kb / 5P
Variable Capacitance Diode for TV tuner
HVU308A HITACHI-HVU308A Datasheet
26Kb / 5P
Variable Capacitance Diode for TV tuner
HVU363A HITACHI-HVU363A Datasheet
33Kb / 5P
Variable Capacitance Diode for TV tuner
HVU363B HITACHI-HVU363B Datasheet
23Kb / 5P
Variable Capacitance Diode for TV tuner
logo
Leshan Radio Company
HVC308A LRC-HVC308A Datasheet
43Kb / 2P
Variable Capacitance Diode for TV Tuner
logo
Renesas Technology Corp
HVC308A RENESAS-HVC308A Datasheet
143Kb / 5P
Variable Capacitance Diode for TV tuner
HVC363A RENESAS-HVC363A Datasheet
250Kb / 5P
Variable Capacitance Diode for TV tuner
HVU363B RENESAS-HVU363B Datasheet
63Kb / 5P
Variable Capacitance Diode for TV tuner
HVU363A RENESAS-HVU363A Datasheet
252Kb / 5P
Variable Capacitance Diode for TV tuner
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com