Electronic Components Datasheet Search
  English  ▼

X  

STF8236 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # STF8236
Description  Super high dense cell design for low RDS(ON).
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STF8236 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

  STF8236 Datasheet HTML 1Page - SamHop Microelectronics Corp. STF8236 Datasheet HTML 2Page - SamHop Microelectronics Corp. STF8236 Datasheet HTML 3Page - SamHop Microelectronics Corp. STF8236 Datasheet HTML 4Page - SamHop Microelectronics Corp. STF8236 Datasheet HTML 5Page - SamHop Microelectronics Corp. STF8236 Datasheet HTML 6Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
STF8236
www.samhop.com.tw
Oct,24,2014
6
PACKAGE OUTLINE DIMENSIONS
Ver 1.0
TOP VIEW
DFN 2x2-6L
BOTTOM VIEW
SIDE VIEW
SYMBOLS
MILLIMETERS
A
A1
A3
D
E
D2
E2
MIN
MAX
0.70
0.80
0.00
0.05
1.95
2.05
b
L
e
0.30
0.25
0.45
0.65 BSC.
NOM
0.75
0.2 REF.
2.00
0.35
1.95
2.00
2.05
1.35
1.50
1.60
0.65
0.80
0.90
DFN
(2x2)06L
1
PIN 1 DOT
BY MARKING
PIN 1 IDENTIFICATION
MOUSEBITE R0.2
E
D
A
A1
A3
D2
b
e
L
E2
0.25
0.35



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com