Electronic Components Datasheet Search
  English  ▼

X  

STK801 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STK801
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STK801 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STK801 Datasheet HTML 1Page - SamHop Microelectronics Corp. STK801 Datasheet HTML 2Page - SamHop Microelectronics Corp. STK801 Datasheet HTML 3Page - SamHop Microelectronics Corp. STK801 Datasheet HTML 4Page - SamHop Microelectronics Corp. STK801 Datasheet HTML 5Page - SamHop Microelectronics Corp. STK801 Datasheet HTML 6Page - SamHop Microelectronics Corp. STK801 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STK801
www.samhop.com.tw
Dec,28,2012
3
Figure 1. Output Characteristics
VDS, Drain-to-Source Voltage (V)
Figure 2. Transfer Characteristics
VGS, Gate-to-Source Voltage (V)
1.0
0.8
0.6
0.2
0
0
0.7
1.4
2.1
2.8
3.5
4.2
Tj=125 C
-55 C
0.4
25 C
ID, Drain Current (A)
2.4
2.0
1.6
1.2
0.8
0.4
0
0.2
0.4
0.6
0.8
1.0
0.01
0
25
50
75
Tj( C)
150
100
125
Tj, Junction Temperature ( C)
Tj, Junction Temperature ( C)
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
-50
-25
0
25
50
75
100 125 150
Figure 5. Gate Threshold Variation
with Temperature
Figure 6. Breakdown Voltage Variation
with Temperature
Tj, Junction Temperature ( C)
-50
-25
0
25
50
75
100 125 150
1.3
1.2
1.1
1.0
0.9
0.8
0.7
Drain Current and Temperature
Figure 4. On-Resistance Variation with
and Gate Voltage
Figure 3. On-Resistance vs. Drain Current
Ver 1.0
0.6
0.4
0.2
0
0
0.5
1.0
1.5
2.0
2.5
3.0
0.8
VGS = 10V
VGS = 10V
VGS = 4.5V
VGS=10V
ID=0.30A
VGS=4.5V
ID=0.28A
1.0
VGS = 3.5V
VGS = 4.5V
0.8
1.6
1.2
2.0
1.8
1.4
1.0
VDS = VGS
ID = 250uA
ID = 250uA
VGS = 4V
VGS = 3V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com