Electronic Components Datasheet Search
  English  ▼

X  

STM4470A Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STM4470A
Description  S uper high dense cell design for low R DS (ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4470A Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STM4470A Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4470A Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4470A Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4470A Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4470A Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4470A Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4470A Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STM4470A
Parameter
Symbol
Condition
Min Typ
Max Unit
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
C
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
VGS = 0V, Is =1.7A
0.73
1.2
V
b
Notes
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
VGS, Gate-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
3
Figure 4. On-Resistance Variation with
Drain Current and Temperature
2.0
1.8
1.6
1.4
1.2
1.0
0
0
25
50
125
Tj( C)
100
75
VGS=10V
ID=10A
Tj, Junction Temperature ( C)
ID, Drain Current (A)
24
20
16
12
8
4
1
Figure 3. On-Resistance vs. Drain Current
and Gate Voltage
20
30
40
50
60
1
VGS=10V
VGS=4.5V
150
10
c.Guaranteed by design, not subject to production testing.
b.Pulse Test:Pulse Width 300us, Duty Cycle 2%.
a.S urface Mounted on FR 4 Board, t 10sec.
VGS=4.5V
D
=6A
I
20
16
12
4
0
0
T j =125 C
50
40
30
20
10
0
0
0.5
1
1.5
2
2.5
3
V GS =4V
VGS=3.5 V
VGS=10V
60
2.8
3.5
2.1
1.4
0.7
4.2
-55 C
25 C
8
V GS =4.5V
V GS =3V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com