Electronic Components Datasheet Search
  English  ▼

X  

STM4605 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STM4605
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4605 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STM4605 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4605 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4605 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4605 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4605 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4605 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4605 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
-40
V
-1
IGSS
±100
nA
VGS(th)
-1
V
gFS
16.5
S
CISS
970
pF
COSS
120
pF
CRSS
100
pF
Qg
14
nC
16
nC
Qgs
63
nC
Qgd
34
tD(ON)
20
ns
tr
1.9
ns
tD(OFF)
5.2
ns
tf
ns
Gate-Drain Charge
VDS=-20V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=-20V
ID=-1A
VGS=-10V
RGEN=6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
VDS=-20V,ID=-6A,VGS=-10V
Fall Time
Turn-On Delay Time
m ohm
VGS=-10V , ID=-6A
VDS=-5V , ID=-6A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=-250uA
VDS= -32V , VGS=0V
VGS= ±20V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
VGS=-4.5V , ID=-4.9A
39
58
m ohm
f=1.0MHz
c
VDS=-20V,ID=-6A,
VGS=-10V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Ver 1.0
www.samhop.com.tw
Jul,27,2010
2
nC
VDS=-20V,ID=-6A,VGS=-4.5V
10
c
31
43
-1.7
-3
STM4605
VSD
Diode Forward Voltage
VGS=0V,IS=-2A
-0.8
-1.2
V
_
_
_
b
Notes
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
d.Starting TJ=25°C,L=0.5mH,VDD = 20V.(See Figure13)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com