Electronic Components Datasheet Search
  English  ▼

X  

STM4639T Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STM4639T
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4639T Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STM4639T Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4639T Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4639T Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4639T Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4639T Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4639T Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4639T Datasheet HTML 7Page - SamHop Microelectronics Corp. STM4639T Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
-30
V
-1
IGSS
±10
uA
VGS(th)
-1.0
V
10
VSD
CISS
3375
pF
COSS
768
pF
CRSS
352
pF
Qg
46
60
nC
Qgs
210
nC
Qgd
57
tD(ON)
ns
tr
7.6
ns
tD(OFF)
16
ns
tf
ns
Gate-Drain Charge
VDS=-10V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=-15V
ID=-5A
VGS=-10V
RGEN= 4.7 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
m ohm
VGS=-10V , ID=-5A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Diode Forward Voltage
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=-0.5mA
VDS=-24V , VGS=0V
VGS= ±24V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=-10mA
Reverse Transfer Capacitance
ON CHARACTERISTICS
-3.0
VGS=-4.5V , ID=-5A
13
m ohm
c
f=1.0MHz
c
VDS=-24V,ID=-10A,
VGS=-10V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VGS=0V,IS=-10A
-1.2
-1.8
V
Notes
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
d.Starting TJ=25°C,L=0.5mH,VDD = 20V.(See Figure13)
_
_
STM4639T
Ver 1.1
www.samhop.com.tw
Dec,24,2013
2
_
-1.7
12.5
16.5
nC
62
VDS=-24V,ID=-10A,VGS=-10V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com