Electronic Components Datasheet Search
  English  ▼

X  

XC8102 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC8102
Description  Load Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8102 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC8102_15 Datasheet HTML 1Page - Torex Semiconductor XC8102_15 Datasheet HTML 2Page - Torex Semiconductor XC8102_15 Datasheet HTML 3Page - Torex Semiconductor XC8102_15 Datasheet HTML 4Page - Torex Semiconductor XC8102_15 Datasheet HTML 5Page - Torex Semiconductor XC8102_15 Datasheet HTML 6Page - Torex Semiconductor XC8102_15 Datasheet HTML 7Page - Torex Semiconductor XC8102_15 Datasheet HTML 8Page - Torex Semiconductor XC8102_15 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2/20
XC8102 Series
PIN NUMBER
USP-4
SOT-25
SSOT-24
USPN-4
PIN NAME
FUNCTIONS
4
1
4
4
VIN
Power Input
1
5
3
1
VOUT
Output
2
2
2
2
VSS
Ground
3
3
1
3
CE
ON/OFF Control
-
4
-
-
NC
No Connection
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
CE pin logic
A
CE High active
②
CL Discharge Function
A
Output capacitor (CL) auto-discharge function
integrated
③④
Internal Standard Number
01
Fixed
GR-G
USP-4 (3,000/Reel)
MR-G
SOT-25 (3,000/Reel)
NR-G
SSOT-24 (3,000/Reel)
⑤⑥-⑦(
*1)
Packages
(Order Unit)
7R-G
USPN-4 (5,000/Reel)
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
■
PRODUCT CLASSIFICATION
●
Ordering Information
XC8102①②③④⑤⑥-⑦(
*1)
*The heat dissipation pad of the USP-4 package is recommended to solder as shown in the
recommended mount pattern and metal mask pattern for mounting strength. The heat
dissipation pad should be electrically opened or connected to the VSS (No. 2) pin.
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com