Electronic Components Datasheet Search
  English  ▼

X  

VP12 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # VP12
Description  HIGH-VOLTAGE DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

VP12 Datasheet(HTML) 1 Page - Leshan Radio Company

  VP12 Datasheet HTML 1Page - Leshan Radio Company VP12 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
14C–1/2
5000
8000
10000
12000
14000
15000
16000
5000
8000
10000
12000
14000
15000
16000
HVM5
HVM8
HVM10
HVM12
HVM14
HVM15
HVM16
HVP5
HVP8
HVP10
HVP12
HVP14
HVP15
HVP16
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase,half wave,
60Hz,resistive or inductive load. For capacitive load,derate current by 20%.
HIGH – VOLTAGE DIODES
HVM5 – HVM16
HVP5 – HVP16
TYPE
PRV
V PK
Maximum
Average
Forward
Output
Current
@TA= 60°C
Maximum
Forward Peak
Surge Current
@ 8.3ms
Superimposed
Maximum DC
Forward Voltage
drop per element
I O
MA AV
IFM(Surge)
A PK
IR
25°CTA
125°CTA
µADC
µADC
T
J
°C
Package
Dimensions
Maximum DC
Reverse Current
at rated DC
Blocking Voltage
per element
VF
VPK
Maximum
Peak
Reverse
Voltage
Operating
Junction
Temperature
at IF =0.35ADC
350
30
750
50
8.0
9.0
12
12
14
14
14
8.0
9.0
12
12
14
14
14
at IF =0.75ADC
500
135
10
HVM
500
130
10
HVP
3.819(97.0)
3.386(86.0)
1.260
(32.0)MAX
.827(21.0)
.787(20.0)
.287(7.3)
.264(6.7)
φ 169
(4.28)
.052(1.3)
.048(1.2)
1.378
(35.0)MAX
.256(6.5)
.244(6.2)
2.520(64.0)
2.500(63.5)
.177(4.5)
.161(4.1)
.331(8.4)
.3155(8.0)
.772(19.6)
.732(18.6)
.142(3.6)
.126(3.2)
1.673(42.5)
1.634(41.5)
.035(0.9)
.030(0.8)
.441
(11.2)
.772(19.6)
.732(18.6)
3.012(76.5)
2.972(75.5)
1.295(7.5)
1.256(6.5)
HVM
HVP


Similar Part No. - VP12

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP12 SUTEX-VP12 Datasheet
144Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS Power FETs???
VP12 SUTEX-VP12 Datasheet
139Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS Power FETs???
logo
Rectron Semiconductor
VP12 RECTRON-VP12 Datasheet
23Kb / 2P
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.75 Amperes)
logo
SHIELD s.r.l.
VP1202A0S SHIELD-VP1202A0S Datasheet
213Kb / 2P
For electrovalves, receptacle, male
VP1203A0S SHIELD-VP1203A0S Datasheet
213Kb / 2P
For electrovalves, receptacle, male
More results

Similar Description - VP12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSHV85U ETC2-MSHV85U Datasheet
127Kb / 3P
High Voltage Diodes
logo
SUNMATE electronic Co.,...
HVM16 SUNMATE-HVM16 Datasheet
395Kb / 1P
HIGH VOLTAGE DIODES
logo
SiPower Inc.
2CL2060 SIPOWER-2CL2060 Datasheet
62Kb / 2P
High Voltage Diodes
2CL3509H SIPOWER-2CL3509H Datasheet
58Kb / 2P
High Voltage Diodes
2CL4509H SIPOWER-2CL4509H Datasheet
68Kb / 2P
High Voltage Diodes
2CL4510 SIPOWER-2CL4510 Datasheet
57Kb / 2P
High Voltage Diodes
2CLG1015 SIPOWER-2CLG1015 Datasheet
61Kb / 2P
High Voltage Diodes
2CLG3508 SIPOWER-2CLG3508 Datasheet
66Kb / 2P
High Voltage Diodes
2CLS01 SIPOWER-2CLS01 Datasheet
56Kb / 2P
High Voltage Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL2050 YFWDIODE-2CL2050 Datasheet
374Kb / 2P
High voltage diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com