Electronic Components Datasheet Search
  English  ▼

X  

CLL4150 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CLL4150
Description  SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLL4150 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CLL4150 Datasheet HTML 1Page - Central Semiconductor Corp CLL4150 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CLL4150
SURFACE MOUNT
HIGH SPEED SILICON
SWITCHING DIODE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CLL4150
type is an ultra-high speed silicon switching diode
manufactured by the epitaxial planar process, in a
hermetically sealed glass surface mount package,
designed for high speed switching applications.
MARKING: CATHODE BAND
SOD-80 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
50
V
Peak Repetitive Reverse Voltage
VRRM
50
V
Continuous Forward Current
IF
300
mA
Peak Repetitive Forward Current
IFRM
600
mA
Peak Forward Surge Current, tp=1.0μs
IFSM
4.0
A
Peak Forward Surge Current, tp=1.0s
IFSM
1.0
A
Power Dissipation
PD
500
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
ΘJA
350
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=50V
100
nA
BVR
IR=5.0μA
75
V
VF
IF=1.0mA
0.54
0.62
V
VF
IF=10mA
0.66
0.74
V
VF
IF=50mA
0.76
0.86
V
VF
IF=100mA
0.82
0.92
V
VF
IF=200mA
0.87
1.0
V
CT
VR=0, f=1.0 MHz
4.0
pF
trr
IR=IF=10mA, RL=100Ω, Rec. to 1.0mA
4.0
ns
R3 (8-January 2010)
www.centra lsemi.com


Similar Part No. - CLL4150

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4150 CENTRAL-CLL4150 Datasheet
378Kb / 2P
HIGH SPEED SWITCHING DIODE
logo
Continental Device Indi...
CLL4150 CDIL-CLL4150 Datasheet
284Kb / 3P
HIGH SPEED SILICON DIODES
logo
Central Semiconductor C...
CLL4150 CENTRAL-CLL4150_10 Datasheet
304Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
More results

Similar Description - CLL4150

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHD4150 CENTRAL-CMHD4150_10 Datasheet
372Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMHD4448 CENTRAL-CMHD4448_10 Datasheet
372Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMOD4448 CENTRAL-CMOD4448_10 Datasheet
352Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CLL4448 CENTRAL-CLL4448_10 Datasheet
303Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CLL914 CENTRAL-CLL914_10 Datasheet
304Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMOD4448 CENTRAL-CMOD4448 Datasheet
494Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMHD4448TR CENTRAL-CMHD4448TR Datasheet
372Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMPD4448 CENTRAL-CMPD4448_15 Datasheet
393Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMUD4448 CENTRAL-CMUD4448_15 Datasheet
411Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CLL914 CENTRAL-CLL914_15 Datasheet
304Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com