Electronic Components Datasheet Search
  English  ▼

X  

MS1022 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MS1022
Description  PNP RF Amplifier Transistor Surface Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MS1022 Datasheet(HTML) 1 Page - Leshan Radio Company

  MS1022 Datasheet HTML 1Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LESHAN RADIO COMPANY, LTD.
N1–1/1
PNP RF Amplifier Transistor
Surface Mount
3
CASE
318D–03, STYLE1
SC–59
1
2
ECX
MAXIMUM RATINGS (T A = 25 °C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V CBO
–30
Vdc
Collector-Emitter Voltage
V CEO
–20
Vdc
Emitter-Base Voltage
V EBO
–5.0
Vdc
Collector Current - Continuous
I C
–30
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Power Dissipation
P D
200
mW
Junction Temperature
T J
150
°C
Storage Temperature
T stg
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
Characteristic
Symbo
lMin
Max
Unit
Collector Cutoff Current
I CBO
—
–0.1
µAdc
(V CB = –10 Vdc, I E = 0)
Collector-Emitter Breakdown Voltage
I CEO
—
–100
µAdc
(V CE = –20 Vdc, I B = 0)
Emitter-Base Breakdown Voltage
I EBO
—
–10
µAdc
(V EB = –5.0 Vdc, I C = 0)
DC Current Gain (1)
h FE
110
220
—
(V CE = –10 Vdc, I C = –1.0 mAdc)
Current-Gain - Bandwidth Product
f T
150
—
MHz
(V CB = –10 Vdc, I E = 1.0 mAdc)
1. Pulse Test: Pulse Width < 300
µs, D.C. < 2%.
COLLECTOR
3
2
1
BASE
EMITTER
MSA1022–CT1
DEVICE MARKING
Marking Symbol
The “X” represents a smaller alpha digit Date Code. The Date Code indicates the actual month
in which the part was manufactured.


Similar Part No. - MS1022

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MS102 ZSELEC-MS102 Datasheet
135Kb / 2P
1.0A SCHOTTKY BARRIER DIODE
logo
EIC discrete Semiconduc...
MS10200 EIC-MS10200 Datasheet
97Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - MS1022

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSA1022CT1 MOTOROLA-MSA1022CT1 Datasheet
107Kb / 4P
PNP RF Amplifier Transistor Surface Mount
logo
Leshan Radio Company
MSB709-RT1 LRC-MSB709-RT1 Datasheet
40Kb / 1P
PNP General Purpose Amplifier Transistor Surface Mount
MSC3130T1 LRC-MSC3130T1 Datasheet
40Kb / 1P
NPN RF Amplifier Transistor Surface Mount
logo
E-Tech Electronics LTD
MSA1022 ETL-MSA1022 Datasheet
78Kb / 1P
PNP RF Amplifier Transistor Surface Mount
MSB709 ETL-MSB709 Datasheet
78Kb / 1P
PNP General Purpose Amplifier Transistor Surface Mount
logo
Central Semiconductor C...
CMPTH81 CENTRAL-CMPTH81 Datasheet
124Kb / 2P
SURFACE MOUNT PNP SILICON RF TRANSISTOR
CMPTH81 CENTRAL-CMPTH81_10 Datasheet
332Kb / 2P
SURFACE MOUNT PNP SILICON RF TRANSISTOR
logo
ON Semiconductor
MSB710-RT1G ONSEMI-MSB710-RT1G Datasheet
38Kb / 2P
PNP General Purpose Amplifier Transistor Surface Mount
January, 2006 ??Rev. 4
logo
Central Semiconductor C...
CMPTH81 CENTRAL-CMPTH81_15 Datasheet
336Kb / 2P
SURFACE MOUNT PNP SILICON RF TRANSISTOR
logo
ON Semiconductor
MSC3130T1 ONSEMI-MSC3130T1 Datasheet
148Kb / 4P
NPN RF Amplifier Transistor Surface Mount
August, 2006 ??Rev. 4
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com