Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014CW Datasheet(PDF) 1 Page - NEC

Part # UPD78P014CW
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014CW Datasheet(HTML) 1 Page - NEC

  UPD78P014CW Datasheet HTML 1Page - NEC UPD78P014CW Datasheet HTML 2Page - NEC UPD78P014CW Datasheet HTML 3Page - NEC UPD78P014CW Datasheet HTML 4Page - NEC UPD78P014CW Datasheet HTML 5Page - NEC UPD78P014CW Datasheet HTML 6Page - NEC UPD78P014CW Datasheet HTML 7Page - NEC UPD78P014CW Datasheet HTML 8Page - NEC UPD78P014CW Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
©
1992
DATA SHEET
DESCRIPTION
The
µPD78P014 is a member of the µPD78014 subseries of 78K/0 series products. It uses a one-time-programmable
(OTP) ROM or EPROM instead of the mask ROM of the
µPD78014.
Because the
µPD78P014 can be programmed by users, it is ideally suited for applications involving the evaluation
of systems in development stages, small-scale production of many different products, and rapid development and time-
to-market of a new product.
Detailed information about product features and specifications can be found in the following document. Please
make sure to read this document before starting design.
µPD78014, 78014Y Series User’s Manual : IEU-1343
FEATURES
• Pin compatible with mask ROM versions (except VPP pin)
• Internal PROM: 32K bytesNote
•
µPD78P014DW
: Reprogrammable (ideal for system evaluation)
•
µPD78P014CW, 78P014GC-AB8 : Programmable once only (ideal for small-scale production)
• Internal high-speed RAM: 1024 bytesNote
• Buffer RAM: 32 bytes
• Operable over same supply voltage range as mask ROM version (2.7 to 6.0 V)
• Available for the QTOPTM microcomputer
Note The internal PROM and internal high-speed RAM size can be set by means of the memory size switching
register.
Remark
The QTOP microcomputer is the general term for a single-chip microcomputer with on-chip one-time
PROM. NEC supports its program writing, marking, screening, and verification.
MOS INTEGRATED CIRCUIT
ORDERING INFORMATION
Part No.
Package
Internal ROM
µPD78P014CW
64-pin plastic shrink DIP (750 mil)
One-time PROM
µPD78P014DW
64-pin ceramic shrink DIP (with window) (750 mil)
EPROM
µPD78P014GC-AB8
64-pin plastic QFP (14
× 14 mm)
One-time PROM
In this document, the common parts of the one-time PROM version and EPROM version are represented by PROM.
Differences from mask ROM versions are as follows:
• The same memory mapping as on a mask ROM version is possible by setting the memory size
switching register.
• There is no function for incorporating pull-up resistors by means of a mask option in P60 to P63
pins.
µPD78P014
8-BIT SINGLE-CHIP MICROCOMPUTER
Document No. IC-3098C
(O. D. No. IC-8111C)
Date Published January 1995 P
Printed in Japan
The mark 5 shows revised points.
The information in this document is subject to change without notice.


Similar Part No. - UPD78P014CW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78P014CW RENESAS-UPD78P014CW Datasheet
542Kb / 64P
MOS INTEGRATED CIRCUIT
1992
More results

Similar Description - UPD78P014CW

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38203M4 MITSUBISHI-M38203M4 Datasheet
4Mb / 344P
8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Sanyo Semicon Device
LC866032B SANYO-LC866032B Datasheet
390Kb / 20P
8-bit single chip microcomputer???
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
SINGLE CHIP 8 BIT MICROCOMPUTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
8-bit single chip microcomputer
12-Sep-2007
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
8-BIT SINGLE-CHIP MICROCOMPUTER
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com