Electronic Components Datasheet Search
  English  ▼

X  

10034 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # 10034
Description  Special Optic for High Power LEDs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

10034 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  10034 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
18.09.2012
10034
1 of 1
10034
TECHNICAL DATA
Special Optic for High Power LEDs
Fiber Coupling
To focus the light from a high power LED to the end of a fiber bundle, we offer a standard 20mm
diameter lens with an integrated focusing lens. Optimized for NA 0.5 fiber bundles with diameters
between 8 - 12mm, this optic can be used to make compact microscope illumination systems.
Specifications
•
Integrated focusing lens
•
Ideal for Fiber coupling
•
Suitable for:
APG2C1 and H2A1 series
•
Diameter:
Ø20.0 mm, Height: 14.1 mm
•
Material:
Polycarbonate
Drawing


Similar Part No. - 10034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10034 ETC2-10034 Datasheet
1Mb / 14P
Avago Aveon20mm range
logo
Heyco.
10034 HEYCO-10034 Datasheet
111Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Extreme Networks.
10034 EXTREMENETWORKS-10034 Datasheet
452Kb / 10P
Wi-Fi 6E Dual-Radio Indoor Access Point With Integrated or External Antenna Options
28oct24
10034 EXTREMENETWORKS-10034 Datasheet
484Kb / 11P
Wi-Fi 6E Tri-Radio Indoor Access Point with Support for Multiple Extreme Operating Systems
2oct24
10034 EXTREMENETWORKS-10034 Datasheet
655Kb / 13P
Wi-Fi 6E Tri-Radio Indoor Access Point with Support for Multiple Extreme Operating Systems
2oct24
More results

Similar Description - 10034

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
2CL100-30 KISEMICONDUCTOR-2CL100-30 Datasheet
132Kb / 1P
High Voltage Diodes for Special Using
2CL200-15 KISEMICONDUCTOR-2CL200-15 Datasheet
174Kb / 1P
High Voltage Diodes for Special Using
2CL300-10 KISEMICONDUCTOR-2CL300-10 Datasheet
164Kb / 1P
High Voltage Diodes for Special Using
2CL500-30 KISEMICONDUCTOR-2CL500-30 Datasheet
133Kb / 2P
High Voltage Diodes for Special Using
2CLG10 KISEMICONDUCTOR-2CLG10_25 Datasheet
60Kb / 1P
High Voltage Diodes for Special Using
logo
Infineon Technologies A...
ILD-4035-E6327 INFINEON-ILD-4035-E6327 Datasheet
1Mb / 30P
LED Drivers for High Power LEDs
Revision 2.0, 2011-08-17
logo
Lite-On Technology Corp...
LTE-2871 LITEON-LTE-2871 Datasheet
87Kb / 3P
SPECIAL FOR HIGH INTENSITY
logo
Roithner LaserTechnik G...
10158 ROITHNER-10158 Datasheet
227Kb / 2P
Narrow Beam Optic for High Power LEDs
LENS-13 ROITHNER-LENS-13 Datasheet
78Kb / 2P
Optic for High Power LEDs
logo
Infineon Technologies A...
ILD4071 INFINEON-ILD4071 Datasheet
1Mb / 25P
LED Driver for High Power LEDs
Rev. 1.0, 2011-11-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com