Electronic Components Datasheet Search
  English  ▼

X  

10158 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # 10158
Description  Narrow Beam Optic for High Power LEDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

10158 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  10158 Datasheet HTML 1Page - Roithner LaserTechnik GmbH 10158 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
18.09.2012
10158
1 of 2
10158
TECHNICAL DATA
Narrow Beam Optic for High Power LEDs
Catadioptic
To get the narrowest beam from a single chip high power LED, that kind of catadioptic reflector
optics had been designed. These are available in 60mm diameters. The ability to create very tight
beams with FWHM divergence as small as 3 degrees makes them ideally suited to applications
such as beacons and spot lights.
Specifications
•
+/- 2° Ultra Tight Beam
•
Ideal for Far Distance and Spot Illumination
•
Suitable for:
Cree, Seoul, Avago, Luxeon
•
Diameter:
Ø60 mm, Height: 11 mm
•
Material:
Polycarbonate
•
Efficiency:
~70%
Preformances


Similar Part No. - 10158

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10158 ETC-10158 Datasheet
116Kb / 1P
Heyco짰 Nylon PCB Supports - Imperial Spacing
logo
Heyco.
10158 HEYCO-10158 Datasheet
113Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Amphenol Communications...
10158070 AMPHENOLCS-10158070 Datasheet
521Kb / 3P
Minitek® Pwr 5.7 Connector System
logo
Weidmuller
1015810000 WEIDMULLER-1015810000 Datasheet
77Kb / 4P
BLF 5.00/17/180LH SN BK BX
logo
List of Unclassifed Man...
101582-000 ETC2-101582-000 Datasheet
215Kb / 1P
Battery and Connector Probes
More results

Similar Description - 10158

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPS8065PT MARKTECH-MTPS8065PT Datasheet
171Kb / 1P
Narrow Beam Angle
MT5355-UV MARKTECH-MT5355-UV Datasheet
308Kb / 1P
Dimension in mm High power, high-speed, narrow beam angle, high reliablitiy
MT5375-UV-HP MARKTECH-MT5375-UV-HP Datasheet
244Kb / 1P
Dimension in mm High power, high-speed, narrow beam angle, high reliablitiy
logo
Roithner LaserTechnik G...
10034 ROITHNER-10034 Datasheet
158Kb / 1P
Special Optic for High Power LEDs
LENS-13 ROITHNER-LENS-13 Datasheet
78Kb / 2P
Optic for High Power LEDs
logo
KODENSHI_AUK CORP.
EL341 KODENSHI-EL341 Datasheet
148Kb / 3P
Narrow beam angle
logo
Ledil, Inc.
C14556 LEDIL-C14556 Datasheet
8Mb / 10P
Narrow forward throw beam optimized for European tunnels
C14731 LEDIL-C14731 Datasheet
3Mb / 3P
Narrow forward throw beam for area lighting.
C17360 LEDIL-C17360 Datasheet
2Mb / 6P
Narrow forward throw beam for high masts
F16629 LEDIL-F16629 Datasheet
2Mb / 3P
Sublens for very narrow oval beam
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com