Electronic Components Datasheet Search
  English  ▼

X  

APD500-LCC Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # APD500-LCC
Description  silicon avalanche photodiode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

APD500-LCC Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  APD500-LCC Datasheet HTML 1Page - Roithner LaserTechnik GmbH APD500-LCC Datasheet HTML 2Page - Roithner LaserTechnik GmbH APD500-LCC Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.roithner-laser.com
1
APD500-LCC
Description
APD500-LCC is a silicon semiconductor avalanche photodiode with an active area of 500 µm. It
features extremely fast rise time of 0.6 ns, high gain at low bias voltage, and low capacitance.
APD500-LCC is typically used for Laser Range Finding and LIDAR applications.
Maximum Ratings
Parameter
Symbol
Values
Unit
Min.
Max.
Supply Voltage
VPD
0.95 x VBR
V
Forward Current
IF
1
mA
Power Dissipation
PE
1
mW
Storage Temperature
TSTG
- 55
+ 100
°C
Operating Temperature
TOP
- 50
+ 85
°C
Characteristics (T
CASE = 25°C)
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Spectral response range
λ
400
1100
nm
Peak sensivity wavelength
λ
P
850
nm
Photosensitive area
Ø
500
µm
Photosensitivity (
λ=850nm,Φ
e=1µW, M=100)
Re
0.50
0.55
A/W
Response time (
λ=800nm,f=1MHz,R
L
=50Ω)
ts
0.6
1.5
ns
Dark current (M=100)
ID
0.2
0.4
3
nA
Cutoff frequency
fC
1000
MHz
Terminal capacitance (M=100,f=1MHz)
Ct
1.2
pF
Optimum gain
M
60-80
Breakdown voltage (IR=10 µA)
VBR
100
220
V
Temp. coefficient of VBR (TOP=-40°C~85°C)
δ
0.9
V/°C
v 1.1 05.03.2014


Similar Part No. - APD500-LCC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
APD-016A070 VISHAY-APD-016A070 Datasheet
56Kb / 3P
Plasma Panel Display Modules DC Character Module with Drive Electronics TTL Level Data Interface and Integrated DC Converter
Revision 27-Nov-00
APD-016M040 VISHAY-APD-016M040 Datasheet
74Kb / 3P
Plasma Panel Display Modules 16 Character Display with Drive Electronics and Controller
05-Dec-00
APD-016M040-1 VISHAY-APD-016M040-1 Datasheet
74Kb / 3P
Plasma Panel Display Modules 16 Character Display with Drive Electronics and Controller
05-Dec-00
APD-080M025-1 VISHAY-APD-080M025-1 Datasheet
86Kb / 3P
Plasma Panel Display Modules 80 Character Display with Drive Electronics Controller and Serial Interface
05-Dec-00
logo
Optoway Technology Inc
APD-1100 OPTOWAY-APD-1100 Datasheet
67Kb / 2P
InGaAs Avalanche PHOTODIODE
More results

Similar Description - APD500-LCC

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
C30737 PERKINELMER-C30737 Datasheet
101Kb / 5P
Epitaxial Silicon Avalanche Photodiode
logo
Eudyna Devices Inc
FPD5W1KX EUDYNA-FPD5W1KX Datasheet
184Kb / 6P
Avalanche Photodiode
logo
Advanced Photonix, Inc.
SD012-70-62-541 ADVANCEDPHOTONIX-SD012-70-62-541 Datasheet
67Kb / 1P
Small Area Silicon Avalanche Photodiode
SD036-70-62-531 ADVANCEDPHOTONIX-SD036-70-62-531 Datasheet
67Kb / 1P
Small Area Silicon Avalanche Photodiode
logo
Roithner LaserTechnik G...
SSO-AD-230-TO52I ROITHNER-SSO-AD-230-TO52I Datasheet
54Kb / 2P
Avalanche Photodiode
SSO-AD-230-TO52-S1 ROITHNER-SSO-AD-230-TO52-S1 Datasheet
134Kb / 2P
Avalanche Photodiode
SSO-AD-500-TO52 ROITHNER-SSO-AD-500-TO52 Datasheet
51Kb / 2P
Avalanche Photodiode
SSO-AD-500-TO52NF ROITHNER-SSO-AD-500-TO52NF Datasheet
54Kb / 2P
Avalanche Photodiode
APD230-LCC ROITHNER-APD230-LCC Datasheet
730Kb / 3P
silicon avalanche photodiode
logo
Inchange Semiconductor ...
ISCD230 ISC-ISCD230 Datasheet
243Kb / 2P
isc Epitaxial Silicon Avalanche photodiode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com