Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014DW Datasheet(PDF) 3 Page - NEC

Part # UPD78P014DW
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014DW Datasheet(HTML) 3 Page - NEC

  UPD78P014DW Datasheet HTML 1Page - NEC UPD78P014DW Datasheet HTML 2Page - NEC UPD78P014DW Datasheet HTML 3Page - NEC UPD78P014DW Datasheet HTML 4Page - NEC UPD78P014DW Datasheet HTML 5Page - NEC UPD78P014DW Datasheet HTML 6Page - NEC UPD78P014DW Datasheet HTML 7Page - NEC UPD78P014DW Datasheet HTML 8Page - NEC UPD78P014DW Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
3
µPD78P014
OUTLINE OF FUNCTION
• PROM
: 32K bytesNote
• RAM
Internal high-speed RAM : 1024 bytesNote
Buffer RAM
: 32 bytes
64K bytes
8 bits
× 32 registers (8 bits × 8 registers × 4 banks)
On-chip instruction execution time cycle modification function
0.4
µs/0.8 µs/1.6 µs/3.2 µs/6.4 µs (at 10.0 MHz operation)
122
µs (at 32.768 kHz operation)
• 16-bit operation
• Multiply/divide (8 bits
× 8 bits,16 bits ÷ 8 bits)
• Bit manipulate (set, reset, test, Boolean operation)
• BCD correction, etc.
Total
:
53
• CMOS input
:
2
• CMOS I/O
:
47
• N-channel open-drain I/O (15 V withstand voltage) :
4
• 8-bit resolution
× 8 channels
• Operable over a wide power supply voltage range: VDD = 2.7 to 6.0 V
• 3-wire/SBI/2-wire mode selectable
: 1 channel
• 3-wire mode (on-chip max. 32 bytes automatic data transmit/receive function) : 1 channel
• 16-bit timer/event counter : 1 channel
• 8-bit timer/event counter
: 2 channels
• Clock timer
: 1 channel
• Watchdog timer
: 1 channel
3 (14-bit PWM output : 1)
39.1 kHz, 78.1 kHz, 156 kHz, 313 kHz, 625 kHz, 1.25 MHz (at main system clock 10.0 MHz operation)
32.768 kHz (at subsystem clock 32.768 kHz operation)
2.4 kHz, 4.9 kHz, 9.8 kHz (at main system clock 10.0 MHz operation)
Internal : 8, External : 4
Internal : 1
Internal : 1
Internal : 1
External : 1
VDD = 2.7 to 6.0 V
–40 to +85
°C
• 64-pin plastic shrink DIP (750 mil)
• 64-pin plastic QFP (14
× 14 mm)
• 64-pin ceramic shrink DIP (with window) (750 mil)
Item
Function
Main system clock
selected
Subsystem clock
selected
Note The capacity of the internal PROM and internal high-speed RAM can be set by means of the memory size
switching register.
Maskable
interrupts
Non-maskable
interrupt
Software
interrupt
Internal memory
Memory space
General registers
Instruction cycle
Instruction set
I/O ports
A/D converter
Serial interface
Timer
Timer output
Clock output
Buzzer output
Vectored
interrupts
Test input
Operating voltage range
Operating temperature
range
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com