Electronic Components Datasheet Search
  English  ▼

X  

LTC2285 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2285
Description  Dual 14-Bit, 125Msps Low Power 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2285 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2285 Datasheet HTML 3Page - Linear Technology LTC2285 Datasheet HTML 4Page - Linear Technology LTC2285 Datasheet HTML 5Page - Linear Technology LTC2285 Datasheet HTML 6Page - Linear Technology LTC2285 Datasheet HTML 7Page - Linear Technology LTC2285 Datasheet HTML 8Page - Linear Technology LTC2285 Datasheet HTML 9Page - Linear Technology LTC2285 Datasheet HTML 10Page - Linear Technology LTC2285 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2285
7
2285fb
TYPICAL PERFORMANCE CHARACTERISTICS
SNR vs Input Frequency,
–1dB, 2V Range, 125Msps
SFDR vs Input Frequency,
–1dB, 2V Range, 125Msps
SNR and SFDR vs Sample Rate,
2V Range, fIN = 5MHz, –1dB
SNR vs Input Level,
fIN = 70MHz, 2V Range, 125Msps
SFDR vs Input Level,
fIN = 70MHz, 2V Range, 125Msps
IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
IOVDD vs Sample Rate, 5MHz Sine
Wave Input, –1dB, 0VDD = 1.8V
SNR vs SENSE, fIN = 5MHz, –1dB
INPUT FREQUENCY (MHz)
0
65
66
68
69
70
75
72
100
200
250
2285 G10
67
73
74
71
50
150
300
350
INPUT FREQUENCY (MHz)
0
85
90
100
150
250
2285 G11
80
75
50
100
200
300
350
70
65
95
SAMPLE RATE (Msps)
0
50
60
70
80
90
20
40
60
80
2285 G12
100 120 140 160
SFDR
SNR
INPUT LEVEL (dBFS)
–70
70
–40
2285 G13
40
20
–60
–50
–30
10
0
80
dBFS
dBc
60
50
30
–20
–10
0
INPUT LEVEL (dBFS)
–80
60
90
100
0
2285 G14
50
40
0
–60
–40
–20
–70
–50
–30
–10
20
110
dBFS
dBc
80
70
30
10
SAMPLE RATE (Msps)
0
260
280
80
2285 G15
240
220
250
270
290
230
210
200
190
20
40
60
100
120
140
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
0
14
60
2285 G16
8
4
20
40
80
2
0
16
12
10
6
100
120
140
SENSE PIN (V)
0.4
64
65
67
68
69
74
71
0.6
0.8
0.9
2285 G17
66
72
73
70
0.5
0.7
1.0
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com