Electronic Components Datasheet Search
  English  ▼

X  

UPD78P328 Datasheet(PDF) 21 Page - NEC

Part # UPD78P328
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P328 Datasheet(HTML) 21 Page - NEC

Back Button UPD78P328 Datasheet HTML 17Page - NEC UPD78P328 Datasheet HTML 18Page - NEC UPD78P328 Datasheet HTML 19Page - NEC UPD78P328 Datasheet HTML 20Page - NEC UPD78P328 Datasheet HTML 21Page - NEC UPD78P328 Datasheet HTML 22Page - NEC UPD78P328 Datasheet HTML 23Page - NEC UPD78P328 Datasheet HTML 24Page - NEC UPD78P328 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
µPD78P328
21
Resonator
Recommended Circuit
Parameter
MIN.
MAX.
Unit
Ceramic or crystal
Oscillation frequency (fXX)
8
16
MHz
resonator
External clock
X1 input frequency (fX)
8
16
MHz
X1 input rise, fall time (fXR, tXF)
0
20
ns
X1 input high, low level width
25
80
ns
(tWXH, tWXL)
Oscillator Characteristics (TA = –10 to +70
°C, VDD = +5 V±5%, VSS = 0 V)
Caution When using the system clock oscillator, wire the portion enclosed in dotted line in the figure as
follows to avoid adverse influences on the wiring capacitance:
• Keep the wiring length as short as possible.
• Do not cross the wiring over the other signal lines. Do not route the wiring in the vicinity of
lines through which a high fluctuating current flows.
• Always keep the ground point of the capacitor of the oscillator circuit at the same potential as
VSS. Do not connect the power source pattern through which a high current flows.
• Do not extract signals from the oscillation circuit.
Recommended Oscillator Constants
Ceramic resonator
Manufacturer Name
Part Number
Frequency
Recommended
[MHz]
Constants
C1 [pF]
C2 [pF]
MURATA
CSA8.00MT
8.0
30
30
CSA12.0MT
12.0
CSA16.00MX040
16.0
15
15
CST8.00MTW
8.0
Internal
Internal
CST12.00MTW
12.0
CST16.00MXW0C3
16.0
X1
X2
C1
C2
VSS
X1
X2
HCMOS
Inverter
X1
X2
HCMOS
Inverter
Open
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com