Electronic Components Datasheet Search
  English  ▼

X  

FIELDMAXII-TO Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # FIELDMAXII-TO
Description  measure energy of pulsed lasers up to 300 pps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

FIELDMAXII-TO Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  FIELDMAXII-TO Datasheet HTML 1Page - Roithner LaserTechnik GmbH FIELDMAXII-TO Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.roithner-laser.com
1
FieldMaxII-TO
v 2.0 21.08.2014
Description
FieldMaxII is an affordable, versatile, easy-to-use digital power and energy meter platform designed for a
variety of applications ranging from field service to production test applications.
FieldMaxII features a large, easy-to-read backlit LCD and an intuitive user interface offering button-driven
control for simple operation. The meter supports onboard analysis of mean, min., max., and standard
deviation statistics. It can measure power from nW to kW, and pulse energy from nJ to J at up to 300 pps.
In addition, long-pulse Joules energy measurements can be made on the FieldMaxII-TOP model when
using thermopiles.
The meter includes a USB PC interface as well as an analog output. The FieldMaxII PC applications
software supports trend charting, tuning, statistics, and logging data to a file. A LabVIEW instrument
driver with ActiveX control is provided to support custom software developments.
FieldMaxII will be delivered with NiMH rechargeable battery pack, power cord, AC adapter, USB cable
(1.8 m), RCA-to-BNC analog output adapter, installation CD with FieldMaxII PC and drivers, soft carrying
case, and certificate of calibration.
FieldMaxII PC Application
• USB PC Interface
• FieldMaxII PC is completely open-source so that you can use
it to help develop your own customized applications
• Multiple meters can be run on a single PC – useful for final
test and burn-in applications
• Meters can be operated remotely via host interface and
included drivers
• Software features:
 Measure, Tune, Trend displays
 Statistics
• LabVIEW instrument driver and ActiveX DLL server included


Similar Part No. - FIELDMAXII-TO

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
FIELDMAXII-FAMILY COHERENT-FIELDMAXII-FAMILY Datasheet
165Kb / 2P
Laser Power and Energy Meters
More results

Similar Description - FIELDMAXII-TO

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ110 CIT-WJ110 Datasheet
145Kb / 2P
Load capacity of up to 15A
logo
Advanced Power Technolo...
1011LD300 ADPOW-1011LD300 Datasheet
279Kb / 4P
300 Watts, 32 Volts Pulsed Avionics 1030 to 1090 MHz LDMOS FET
logo
Analog Devices
ADE7752B AD-ADE7752B Datasheet
326Kb / 27P
Polyphase Energy Metering IC with Pulsed Output
logo
NIC-Components Corp.
NEDL NIC-NEDL Datasheet
200Kb / 3P
Energy Back-Up Capacitors
logo
Advanced Thermal Soluti...
IFLOW-200 ATS-IFLOW-200 Datasheet
776Kb / 1P
MEASURE THE THERMAL AND HYDRAULIC PERFORMANCE OF COLD PLATES
R2_0215
logo
List of Unclassifed Man...
2552 ETC2-2552 Datasheet
3Mb / 6P
Bandwidth up to 300 MHz
logo
Mallory Sonalert Produc...
ZA016LDFP1 MSPI-ZA016LDFP1 Datasheet
131Kb / 1P
Mode of Operation Fast Pulse @ 10 PPS
ZA016LDMP1 MSPI-ZA016LDMP1 Datasheet
131Kb / 1P
Mode of Operation Medium Pulse @ 5 PPS
MSE14LCH2S MSPI-MSE14LCH2S Datasheet
48Kb / 1P
Mode of Operation Fast Pulse @ 10 PPS
logo
Infineon Technologies A...
TLE4986C-XAS-M47 INFINEON-TLE4986C-XAS-M47 Datasheet
1Mb / 35P
Hall switching sensor to measure speed or phase of pole/tooth wheels
Revision 1.1, 2014-11-07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com