Electronic Components Datasheet Search
  English  ▼

X  

UPD78P324LP Datasheet(PDF) 43 Page - NEC

Part # UPD78P324LP
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324LP Datasheet(HTML) 43 Page - NEC

Back Button UPD78P324LP Datasheet HTML 39Page - NEC UPD78P324LP Datasheet HTML 40Page - NEC UPD78P324LP Datasheet HTML 41Page - NEC UPD78P324LP Datasheet HTML 42Page - NEC UPD78P324LP Datasheet HTML 43Page - NEC UPD78P324LP Datasheet HTML 44Page - NEC UPD78P324LP Datasheet HTML 45Page - NEC UPD78P324LP Datasheet HTML 46Page - NEC UPD78P324LP Datasheet HTML 47Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
µPD78P324, 78P324(A)
43
(3)
µPD78P324(A1) Electrical Specifications (3/9)
Oscillator Characteristics (TA = –40 to +110
°C, VDD = +5 V ±10 %, VSS = 0 V)
Oscillator
Ceramic oscillator or
crystal oscillator
External clock
Recommended Circuit
Parameter
Oscillation frequency (fXX)
X1 input frequency (fX)
X1 input rise time, fall time
(tXR, tXF)
X1 input high-/low-level
width (tWXH, tWXL)
MIN.
MAX.
Unit
8
12.5
MHz
8
12.5
MHz
020
ns
46
100
ns
Caution
When using the system clock oscillation circuit, wire the part encircled in the dotted line in the
following manner to avoid the influence of the wiring capacity, etc.
• Make the wiring as short as possible.
• Avoid intersecting other signal conductors. Avoid approaching lines in which very high fluctuating
currents run.
• Make sure that the grounding point of the oscillation circuit capacitor always has the same
electrical potential as VSS. Avoid grounding with a grand pattern in which very high currents run.
• Do not fetch signals from the oscillation circuit.
X2
X1
VSS
C2
C1
X2
X1
X2
X1
HCMOS
inverter
HCMOS
inverter
or
No connection
required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com