Electronic Components Datasheet Search
  English  ▼

X  

MMBT6520 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MMBT6520
Description  High Voltage Transistor(PNP Silicon)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBT6520 Datasheet(HTML) 1 Page - Leshan Radio Company

  MMBT6520 Datasheet HTML 1Page - Leshan Radio Company MMBT6520 Datasheet HTML 2Page - Leshan Radio Company MMBT6520 Datasheet HTML 3Page - Leshan Radio Company MMBT6520 Datasheet HTML 4Page - Leshan Radio Company MMBT6520 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
M24–1/5
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
–350
Vdc
Collector–Base Voltage
V CBO
–350
Vdc
Emitter–Base Voltage
V EBO
–5.0
Vdc
Base Current
I B
–250
mA
Collector Current — Continuous
I C
–500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
PD
225
mW
TA = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation
PD
300
mW
Alumina Substrate, (2) TA = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ , Tstg
–55 to +150
°C
DEVICE MARKING
MMBT6520LT1 = 2Z
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (I C = –1.0 mA )
V (BR)CEO
–350
—
Vdc
Collector–Base Breakdown Voltage(I E = –100
µA )
V (BR)CBO
–350
—
Vdc
Emitter–Base Breakdown Voltage(I E = –10
µA)
V (BR)EBO
–5.0
—
Vdc
Collector Cutoff Current( V CB = –250V )
I CBO
—
–50
nA
Emitter Cutoff Current( V EB = –4.0V )
I
EBO
—
–50
nA
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
1
3
2
MMBT6520LT1
CASE 318–08, STYLE 6
SOT–23 (TO–236AB)
High Voltage Transistor
PNP Silicon
2
EMITTER
3
COLLECTOR
1
BASE


Similar Part No. - MMBT6520

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBT6520 KEXIN-MMBT6520 Datasheet
43Kb / 2P
High Voltage Transistor
MMBT6520-3 KEXIN-MMBT6520-3_15 Datasheet
1Mb / 4P
PNP Transistors
logo
ON Semiconductor
MMBT6520L ONSEMI-MMBT6520L Datasheet
141Kb / 5P
High Voltage Transistor
October, 2016 ??Rev. 7
logo
Inchange Semiconductor ...
MMBT6520L ISC-MMBT6520L Datasheet
327Kb / 3P
isc Silicon PNP Power Transistor
logo
Motorola, Inc
MMBT6520LT1 MOTOROLA-MMBT6520LT1 Datasheet
231Kb / 8P
High Voltage Transistor
More results

Similar Description - MMBT6520

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMBT5401 ZOWIE-MMBT5401 Datasheet
83Kb / 4P
HIGH VOLTAGE TRANSISTOR PNP SILICON
MMBTA92 ZOWIE-MMBTA92 Datasheet
57Kb / 3P
HIGH VOLTAGE TRANSISTOR PNP SILICON
MMBTA93 ZOWIE-MMBTA93 Datasheet
57Kb / 3P
HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
Micro Electronics
MPS-A92 MICRO-ELECTRONICS-MPS-A92 Datasheet
107Kb / 1P
PNP SILICON HIGH VOLTAGE TRANSISTOR
logo
Infineon Technologies A...
PZTA92 INFINEON-PZTA92 Datasheet
120Kb / 4P
PNP Silicon High Voltage Transistor
Dec-12-2001
logo
Seme LAB
BSS76 SEME-LAB-BSS76 Datasheet
19Kb / 2P
HIGH VOLTAGE PNP SILICON TRANSISTOR
logo
Micro Commercial Compon...
MMBTA94 MCC-MMBTA94 Datasheet
386Kb / 3P
PNP Silicon High Voltage Transistor
MMBTA93 MCC-MMBTA93_13 Datasheet
438Kb / 3P
PNP Silicon High Voltage Transistor
logo
New Jersey Semi-Conduct...
MPS-U60 NJSEMI-MPS-U60 Datasheet
87Kb / 1P
PNP SILICON HIGH VOLTAGE TRANSISTOR
BSS74 NJSEMI-BSS74 Datasheet
123Kb / 2P
HIGH VOLTAGE PNP SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com