Electronic Components Datasheet Search
  English  ▼

X  

STS3406 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STS3406
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS3406 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STS3406 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 7Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.samhop.com.tw
May,29,2014
4
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
Gate-Source Voltage
Variation with Source Current
STS3406
Ver 1.0
600
500
400
300
200
100
0
10
0
ID=1A
25 C
75 C
125 C
20.0
10.0
1.0
0
0.5
1.0
1.5
2.0
2.5
5.0
10
8
6
4
2
0
V DS =15V
ID=1A
0.1
1
10
10
1
0.01
VGS=10V
Single Pulse
TA=25 C
R DS
(O
N)
Lim
it
0.1
DC
100m
s
1m
s
10
0us
8
6
4
2
25 C
125 C
75 C
0
2.5
2.0
1.5
1.0
0.5
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Crss
Coss
Ciss
90
75
60
45
30
15
0
10
15
20
25
30
0
5
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
110
100
1
10
100
300
VDS=15V,ID=1A
VGS=10V
TD(on)
TD(off )
Tr
Tf
10ms
1s
10s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com