Electronic Components Datasheet Search
  English  ▼

X  

STS3409 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STS3409
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS3409 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STS3409 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS3409 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS3409 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS3409 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS3409 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS3409 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS3409 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.samhop.com.tw
Apr,19,2011
4
-VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
-VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
-VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
-VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
Gate-Source Voltage
Variation with Source Current
STS3409
Ver 1.0
0.1
1
10
30
10
1
0.1
0.03
R
DS
(ON
) L
im
it
600
500
400
300
200
100
0
2
0
10
8
6
4
ID = -1.1A
25 C
75 C
125 C
20.0
10.0
1.0
0
0.5
1.0
1.5
2.0
2.5
5.0
Crss
Coss
Ciss
180
150
120
90
60
30
0
10
15
20
25
30
0
5
10
8
6
4
2
0
110
100
1
10
100
TD(on)
Tr
TD(off)
Tf
100m
s
DC
10
ms
10
s
1m
s
10
0u
s
25 C
75 C
125 C
VDS = -15V
ID = -1.1A
0
4
3
2
1
VDS = -15V,ID = -1A
VGS = -10V
VGS = -10V
Single Pulse
TA =25C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com