Electronic Components Datasheet Search
  English  ▼

X  

STS3409L Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STS3409L
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS3409L Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STS3409L Datasheet HTML 1Page - SamHop Microelectronics Corp. STS3409L Datasheet HTML 2Page - SamHop Microelectronics Corp. STS3409L Datasheet HTML 3Page - SamHop Microelectronics Corp. STS3409L Datasheet HTML 4Page - SamHop Microelectronics Corp. STS3409L Datasheet HTML 5Page - SamHop Microelectronics Corp. STS3409L Datasheet HTML 6Page - SamHop Microelectronics Corp. STS3409L Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STS3409L
VGS=±10V,VDS=0V
-20
-1
±10
-0.5
102
6.2
298
78
69
19
27
22
43
VDS=-10V,VGS=0V
VDD=-10V
ID=-1A
VGS=-10V
RGEN=6ohm
VGS=-2.5V , ID=-1.2A
VDS=-5V , ID=-1.6A
VDS=-16V , VGS=0V
VGS=0V,ID=-250uA
-0.8
-1.5
137
Symbol
Min
Typ
Max
Units
BVDSS
V
IGSS
uA
VGS(th)
V
gFS
S
CISS
pF
COSS
pF
CRSS
pF
tD(ON)
ns
tr
ns
tD(OFF)
ns
tf
ns
SWITCHING CHARACTERISTICS
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
mohm
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
IDSS
uA
Gate Threshold Voltage
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
Reverse Transfer Capacitance
ON CHARACTERISTICS
c
c
11
Qg
nC
Total Gate Charge
VDS=-10V,ID=-1.6A,VGS=-10V
www.samhop.com.tw
Aug,07,2012
2
0.4
1.9
nC
Qgs
nC
Qgd
Gate-Drain Charge
Gate-Source Charge
VDS=-10V,ID=-1.6A,
VGS=-10V
DRAIN-SOURCE DIODE CHARACTERISTICS
VGS=0V,IS=-0.5A
-0.8
VSD
Diode Forward Voltage
-1.2
V
Notes
_
_
_
f=1.0MHz
VDS=VGS ,ID=-250uA
VDS=-10V,ID=-1.6A,VGS=-4.5V
5
nC
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
60
VGS=-10V , ID=-1.6A
75
mohm
75
VGS=-4.5V , ID=-1.4A
95
mohm
Ver 1.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com