Electronic Components Datasheet Search
  English  ▼

X  

STS3415 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STS3415
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS3415 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STS3415 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS3415 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS3415 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS3415 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS3415 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS3415 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS3415 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STS3415
Ver 2.0
www.samhop.com.tw
May,22,2012
4
0
0
8
20
16
1
0.8
0.6
0.4
0.2
-VDS - Drain to Source Voltage - V
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VGS = 4.5 V
3.1 V
3.7 V
2.5 V
0.01
0
0.1
100
10
1
2.5
2
1.5
1
0.5
-VGS - Gate to Source Voltage - V
FORWARD TRANSFER CHARACTERISTICS
3
25
°C
75
°C
125
°C
TA = -25
°C
-50
1.0
0.8
0.4
150
100
50
0
Tch - Channel Temperature - °C
GATEBTO SOURE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
ID = -1.0mA
0.01
0.01
0.1
100
10
1
100
10
1
0.1
-ID - Drain Current - A
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
0.9
TA = -25
°C
25
°C
75
°C
125
°C
0
20
80
60
40
100
10
1
0.1
-ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
-3.1 V
0
0
20
80
60
40
8
6
4
2
-VGS - Gate to Source Voltage - V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
ID = -4.2A
12
10
4.0 V
-3.7 V
0.5
0.6
0.7
4
12
-4.5 V
-4.0 V
VGS = -2.5 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com