Electronic Components Datasheet Search
  English  ▼

X  

STS8202 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STS8202
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS8202 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STS8202 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS8202 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS8202 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS8202 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS8202 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS8202 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS8202 Datasheet HTML 7Page - SamHop Microelectronics Corp. STS8202 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S mHop Microelectronics C orp.
a
STS8202
Symbol
VDS
VGS
IDM
100
W
A
PD
°C
1.25
-55 to 150
ID
Units
Parameter
20
5.0
20
°C/W
V
V
±12
TA=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
20V
5A
33 @ VGS=3.1V
27 @ VGS=4.5V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
Suface Mount Package.
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Limit
Drain Current-Continuous
a
-Pulsed
b
A
Maximum Power Dissipation
a
Operating Junction and Storage
Temperature Range
TJ, TSTG
Thermal Resistance, Junction-to-Ambient
R JA
Ver 1.1
www.samhop.com.tw
Jun,18,2014
1
Details are subject to change without notice.
a
TA=25°C
ESD Protected.
S 1
S 2
G 1
D1
G 2
D2
TA=70°C
4.0
A
TA=70°C
0.8
W
Dual N-Channel Enhancement Mode Field Effect Transistor
Green
Product
TSOT 26
Top View
S1
D1/D2
S2
G1
D1/D2
G2
1
2
3
6
5
4
38 @ VGS=2.5V
28 @ VGS=4.0V
30 @ VGS=3.7V


Similar Part No. - STS8202

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS8201 SAMHOP-STS8201 Datasheet
565Kb / 8P
Dual N-Channel E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STS8201 VBSEMI-STS8201 Datasheet
442Kb / 8P
Dual N-Channel MOSFET
logo
SamHop Microelectronics...
STS8205 SAMHOP-STS8205 Datasheet
596Kb / 7P
Dual N-Channel E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STS8205 VBSEMI-STS8205 Datasheet
443Kb / 8P
Dual N-Channel MOSFET
STS8205A VBSEMI-STS8205A Datasheet
443Kb / 8P
Dual N-Channel MOSFET
More results

Similar Description - STS8202

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD07N65 SAMHOP-SDUD07N65 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SP2106 SAMHOP-SP2106 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP2702 SAMHOP-SP2702 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP3902 SAMHOP-SP3902 Datasheet
118Kb / 7P
Super high dense cell design for low RDS(ON).
SP4401 SAMHOP-SP4401 Datasheet
129Kb / 8P
Super high dense cell design for low RDS(ON).
SP8007 SAMHOP-SP8007 Datasheet
120Kb / 8P
Super high dense cell design for low RDS(ON).
SP8076 SAMHOP-SP8076 Datasheet
85Kb / 6P
Super high dense cell design for low RDS(ON).
SP8601 SAMHOP-SP8601 Datasheet
103Kb / 7P
Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com