Electronic Components Datasheet Search
  English  ▼

X  

UPD78P324KC Datasheet(PDF) 12 Page - NEC

Part # UPD78P324KC
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324KC Datasheet(HTML) 12 Page - NEC

Back Button UPD78P324KC Datasheet HTML 8Page - NEC UPD78P324KC Datasheet HTML 9Page - NEC UPD78P324KC Datasheet HTML 10Page - NEC UPD78P324KC Datasheet HTML 11Page - NEC UPD78P324KC Datasheet HTML 12Page - NEC UPD78P324KC Datasheet HTML 13Page - NEC UPD78P324KC Datasheet HTML 14Page - NEC UPD78P324KC Datasheet HTML 15Page - NEC UPD78P324KC Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
µPD78P324, 78P324(A)
12
(2) Pins other than ports (1/2)
I/O
Output
Input
Input
Input
Input
Output
Input
Output
I/O
I/O
I/O
Output
Output
Output
Output
Function
Real-time output port performing pulse outputs synchro-
nously with the trigger symbols from the real-time pulse
unit (RPU).
External interrupt request input of edge detection.
A valid edge can be selected by the external interrupt
mode register.
Non-maskable interrupt request input of edge detection.
A valid edge can be selected by the external interrupt
mode register.
External counter clock input to Timer 1 (TM1).
Serial data input of the asynchronous serial interface
(UART).
Serial data output of the asynchronous serial interface
(UART).
Serial data input in three-wire mode of the clock synchro-
nous serial interface.
Serial data input in three-wire mode of the clock synchro-
nous serial interface.
Serial data output in three-wire mode of the clock
synchronous serial interface.
Serial clock I/O of the clock synchronous serial interface.
Address data bus for accessing external memory.
Address bus for accessing external memory.
Read signal output to external memory.
Write signal output to external memory.
Control signal output for accessing the turbo access
manager (
µPD71P301)Note.
Output from the real-time pulse unit.
Shared Pin Name
P00-P07
P21
P22
P23
P24
P25
P26
P27/TI
P20
P27/INTP6
P31
P30
P33/SB1
P32/SB0
P32/SO
P33/SI
P34
P40-P47
P50-P57
P90
P91
P92
P93
P80
P81
P82
P83
P84
P85
Pin Name
RTP0-RTP7
INTP0
INTP1
INTP2
INTP3
INTP4
INTP5
INTP6
NMI
TI
RXD
TXD
SI
SO
SB0
SB1
SCK
AD0-AD7
A8-A15
RD
WR
TAS
TMD
TO00
TO01
TO02
TO03
TO10
TO11
Note
The turbo access manager (
µPD71P301) is a maintenance product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com