Electronic Components Datasheet Search
  English  ▼

X  

MMBTH10LT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MMBTH10LT1
Description  VHF/UHF Transistors(NPN Silicon)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBTH10LT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  MMBTH10LT1 Datasheet HTML 1Page - Leshan Radio Company MMBTH10LT1 Datasheet HTML 2Page - Leshan Radio Company MMBTH10LT1 Datasheet HTML 3Page - Leshan Radio Company MMBTH10LT1 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
M33–1/4
1
3
2
MMBTH10LT1
CASE 318–08, STYLE 6
SOT–23 (TO–236AB)
VHF/UHF Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V
CEO
25
Vdc
Collector–Base Voltage
V
CBO
30
Vdc
Emitter–Base Voltage
V
EBO
3.0
Vdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
P
D
225
mW
T
A = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
Rθ
JA
556
°C/W
Total Device Dissipation
P
D
300
mW
Alumina Substrate, (2) T
A = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
Rθ
JA
417
°C/W
Junction and Storage Temperature
T
J , Tstg
–55 to +150
°C
DEVICE MARKING
MMBTH10LT1 = 3EM
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
V
(BR)CEO
25
—
—
Vdc
(I
C = 1.0 mAdc, I B= 0 )
Collector–Base Breakdown Voltage
V
(BR)CBO
30
—
—
Vdc
(I
C = 100 µAdc , I E = 0)
Emitter–Base Breakdown Voltage
V
(BR)EBO
3.0
—
—
Vdc
(I
E = 10 µAdc , I C= 0)
Collector Cutoff Current
I
CBO
—
—
100
nAdc
( V
CB = 25Vdc , I E = 0 )
Emitter Cutoff Current
I
EBO
—
—
100
nAdc
( V
EB = 2.0Vdc , I C= 0 )
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
2
EMITTER
3
COLLECTOR
1
BASE


Similar Part No. - MMBTH10LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBTH10LT1 MOTOROLA-MMBTH10LT1 Datasheet
88Kb / 6P
VHF/UHF Transistor
logo
ON Semiconductor
MMBTH10LT1 ONSEMI-MMBTH10LT1 Datasheet
88Kb / 6P
VHF/UHF Transistor
December, 2003 ??Rev. 2
MMBTH10LT1 ONSEMI-MMBTH10LT1 Datasheet
52Kb / 6P
VHF/UHF Transistor (NPN Silicon)
December, 2003 ??Rev. 2
logo
WILLAS ELECTRONIC CORP
MMBTH10LT1 WILLAS-MMBTH10LT1 Datasheet
450Kb / 5P
VHF/UHF Transistors
logo
ON Semiconductor
MMBTH10LT1G ONSEMI-MMBTH10LT1G Datasheet
88Kb / 6P
VHF/UHF Transistor
December, 2003 ??Rev. 2
More results

Similar Description - MMBTH10LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSH10 ONSEMI-MPSH10 Datasheet
78Kb / 4P
VHF/UHF Transistors(NPN Silicon)
1996
logo
Zetex Semiconductors
ZUMTQ31A ZETEX-ZUMTQ31A Datasheet
19Kb / 1P
NPN SILICON PLANAR VHF/UHF TRANSISTORS
logo
List of Unclassifed Man...
2N1693 ETC1-2N1693 Datasheet
245Kb / 3P
silicon transistors UHF/VHF power transistors
logo
ON Semiconductor
MMBT918LT1 ONSEMI-MMBT918LT1 Datasheet
48Kb / 3P
VHF/UHF Transistor NPN Silicon
January, 2006 ??Rev. 5
MPSH10 ONSEMI-MPSH10_07 Datasheet
82Kb / 3P
VHF/UHF Transistors NPN Silicon
February, 2007 ??Rev. 3
logo
Pan Jit International I...
MMBT918W PANJIT-MMBT918W Datasheet
97Kb / 3P
VHF/UHF NPN SILICON TRANSISTOR
logo
Micro Commercial Compon...
MMBTH10 MCC-MMBTH10 Datasheet
179Kb / 2P
NPN VHF/UHF Transistors
logo
New Jersey Semi-Conduct...
2N3866 NJSEMI-2N3866 Datasheet
252Kb / 2P
NPN UHF/VHF POWER TRANSISTORS
logo
Diodes Incorporated
ZUMTQ31 DIODES-ZUMTQ31 Datasheet
25Kb / 1P
SOT323 NPN SILICON PLANAR VHF/UHF TRANSISTORS
DECEMBER 1998
logo
Micro Commercial Compon...
MMBTH10 MCC-MMBTH10_13 Datasheet
211Kb / 2P
NPN VHF/UHF Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com