Electronic Components Datasheet Search
  English  ▼

X  

MMBTH24LT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MMBTH24LT1
Description  VHF Mixer Transistors(NPN Silicon)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBTH24LT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  MMBTH24LT1 Datasheet HTML 1Page - Leshan Radio Company MMBTH24LT1 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
M34–1/2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V
CEO
30
Vdc
Collector–Base Voltage
V
CBO
40
Vdc
Emitter–Base Voltage
V
EBO
4.0
Vdc
Collector Current –Continuous
I
C
50
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
P
D
225
mW
T
A = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
Rθ
JA
556
°C/W
Total Device Dissipation
P
D
300
mW
Alumina Substrate, (2) T
A = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
Rθ
JA
417
°C/W
Junction and Storage Temperature
T
J , Tstg
–55 to +150
°C
DEVICE MARKING
MMBTH24LT1 = M3A
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
V
(BR)CEO
30
—
—
Vdc
(I
C = 1.0 mAdc, I B= 0 )
Collector–Base Breakdown Voltage
V
(BR)CBO
40
—
—
Vdc
(I
C = 100 µAdc , I E = 0)
Emitter–Base Breakdown Voltage
V
(BR)EBO
4.0
—
—
Vdc
(I
E = 10 µAdc , I C = 0)
Collector Cutoff Current
I
CBO
—
—
50
nAdc
( V
CB = 15Vdc , I E = 0 )
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
VHF Mixer Transistors
NPN Silicon
2
EMITTER
3
COLLECTOR
1
BASE
1
3
2
MMBTH24LT1
CASE 318–08, STYLE 6
SOT–23
(TO–236AB)


Similar Part No. - MMBTH24LT1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBTH24 SAMSUNG-MMBTH24 Datasheet
31Kb / 1P
NPN (VHF MIXER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTH24 FAIRCHILD-MMBTH24 Datasheet
36Kb / 2P
NPN RF Transistor
logo
Diodes Incorporated
MMBTH24 DIODES-MMBTH24 Datasheet
47Kb / 2P
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31034 Rev. 6 - 2
logo
Fairchild Semiconductor
MMBTH24 FAIRCHILD-MMBTH24 Datasheet
52Kb / 4P
NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBTH24 DIODES-MMBTH24 Datasheet
563Kb / 3P
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31034 Rev. 13 - 2
More results

Similar Description - MMBTH24LT1

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE161 NTE-NTE161 Datasheet
24Kb / 2P
Silicon NPN Transistor VHF-UHF Amplifier, Mixer/Osc
NTE229 NTE-NTE229 Datasheet
20Kb / 2P
Silicon NPN Transistor VHF Oscillator, Mixer, IF Amp
logo
ON Semiconductor
MPSH10 ONSEMI-MPSH10 Datasheet
78Kb / 4P
VHF/UHF Transistors(NPN Silicon)
1996
logo
Zetex Semiconductors
ZUMTQ31A ZETEX-ZUMTQ31A Datasheet
19Kb / 1P
NPN SILICON PLANAR VHF/UHF TRANSISTORS
logo
Samsung semiconductor
MMBTH24 SAMSUNG-MMBTH24 Datasheet
31Kb / 1P
NPN (VHF MIXER TRANSISTOR)
logo
Leshan Radio Company
MMBTH10LT1 LRC-MMBTH10LT1 Datasheet
138Kb / 4P
VHF/UHF Transistors(NPN Silicon)
logo
ON Semiconductor
MPSH10 ONSEMI-MPSH10_07 Datasheet
82Kb / 3P
VHF/UHF Transistors NPN Silicon
February, 2007 ??Rev. 3
logo
Toshiba Semiconductor
2SC3123 TOSHIBA-2SC3123_07 Datasheet
624Kb / 5P
Silicon NPN Epitaxial Planar Type TV VHF Mixer Applications
01-Nov-2007
logo
New Jersey Semi-Conduct...
2SC313 NJSEMI-2SC313 Datasheet
203Kb / 2P
Silicon NPN Transistor VHF-UHF Amplifier, Mixer/Osc
2SC313 NJSEMI-2SC313 Datasheet
203Kb / 2P
SILICON NPN TRANSISTOR VHF-UHF AMPLIFIER, MIXER/OSC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com