Electronic Components Datasheet Search
  English  ▼

X  

CMLZDA2V4 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLZDA2V4
Description  SURFACE MOUNT SILICON DUAL, COMMON ANODE ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLZDA2V4 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLZDA2V4 Datasheet HTML 1Page - Central Semiconductor Corp CMLZDA2V4 Datasheet HTML 2Page - Central Semiconductor Corp CMLZDA2V4 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMLZDA2V4
THRU
CMLZDA47V
SURFACE MOUNT SILICON
DUAL, COMMON ANODE
ZENER DIODES
2.4 VOLT THRU 47 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLZDA2V4
series silicon dual zener diode is a high quality voltage
regulator, connected in a common anode configuration,
for use in industrial, commercial, entertainment and
computer applications.
MARKING CODE: SEE MARKING CODES ON
ELECTRICAL CHARACTERISTICS TABLE
SOT-563 CASE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER
VOLTAGE
TEMP.
COEFF.
MARKING
CODE
MIN
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
ΘVZ
V
V
mA
Ω
Ω
mA
μA
V
mA
% / °C
CMLZDA2V4
2.2
2.6
5.0
100
600
1.0
50
1.0
63
-0.06
CW3
CMLZDA2V7
2.5
2.9
5.0
100
600
1.0
20
1.0
57
-0.06
CW4
CMLZDA3V0
2.8
3.2
5.0
95
600
1.0
10
1.0
54
-0.06
CW5
CMLZDA3V3
3.1
3.5
5.0
95
600
1.0
5.0
1.0
47
-0.06
CW6
CMLZDA3V6
3.4
3.8
5.0
95
600
1.0
2.0
1.0
45
-0.06
CW7
CMLZDA3V9
3.7
4.1
5.0
90
600
1.0
2.0
1.0
43
-0.06
CW8
CMLZDA4V3
4.0
4.6
5.0
90
600
1.0
1.0
1.0
40
-0.05
CW9
CMLZDA4V7
4.4
5.0
5.0
80
500
1.0
3.0
2.0
38
-0.03
CZ1
CMLZDA5V1
4.8
5.4
5.0
60
480
1.0
2.0
2.0
35
0.02
CZ2
CMLZDA5V6
5.2
6.0
5.0
40
400
1.0
1.0
2.0
32
0.03
CZ3
CMLZDA6V2
5.8
6.6
5.0
10
150
1.0
3.0
4.0
28
0.04
CZ4
CMLZDA6V8
6.5
7.2
5.0
15
80
1.0
2.0
4.0
25
0.05
CZ5
CMLZDA7V5
7.0
7.9
5.0
15
80
1.0
1.0
5.0
23
0.05
CZ6
CMLZDA8V2
7.7
8.7
5.0
15
80
1.0
0.7
5.0
21
0.06
CZ7
CMLZDA9V1
8.5
9.6
5.0
15
100
1.0
0.5
6.0
18
0.06
CZ8
CMLZDA10V
9.4
10.6
5.0
20
150
1.0
0.2
7.0
16
0.07
CZ9
CMLZDA11V
10.4
11.6
5.0
20
150
1.0
0.1
8.0
15
0.07
CY1
CMLZDA12V
11.4
12.7
5.0
25
150
1.0
0.1
8.0
13
0.07
CY2
CMLZDA13V
12.4
14.1
5.0
30
170
1.0
0.1
8.0
12
0.08
CY3
CMLZDA15V
13.8
15.6
5.0
30
200
1.0
0.05
10.5
11
0.08
CY4
CMLZDA16V
15.3
17.1
5.0
40
200
1.0
0.05
11.2
10
0.08
CY5
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
250
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 TO +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C) VF=0.9V MAX @ IF=10mA (for all types)
R3 (1-July 2015)
www.centr a lsemi.com


Similar Part No. - CMLZDA2V4

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLZDA2V4 CENTRAL-CMLZDA2V4 Datasheet
65Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMLZDA2V4 CENTRAL-CMLZDA2V4 Datasheet
519Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMLZDA2V4 CENTRAL-CMLZDA2V4_10 Datasheet
519Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
More results

Similar Description - CMLZDA2V4

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
M1MAWAT1 LRC-M1MAWAT1 Datasheet
58Kb / 2P
Common Anode Silicon Dual Switching diodes
logo
Diotec Semiconductor
BAW56 DIOTEC-BAW56 Datasheet
188Kb / 2P
Surface Mount Silicon Planar Dual Small-Signal Diodes (common anode)
logo
ON Semiconductor
DAP202U ONSEMI-DAP202U Datasheet
54Kb / 6P
Common Anode Silicon Dual Switching Diodes
April, 2004 ??Rev. 4
logo
Leshan Radio Company
M1MA151WALT1 LRC-M1MA151WALT1 Datasheet
111Kb / 3P
Common Anode Silicon Dual Switching diodes
logo
E-Tech Electronics LTD
M1MA151WKT1 ETL-M1MA151WKT1 Datasheet
102Kb / 2P
Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
DAP222 ONSEMI-DAP222_05 Datasheet
59Kb / 5P
Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
logo
Central Semiconductor C...
CMPZDA2V4 CENTRAL-CMPZDA2V4_10 Datasheet
401Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES 2.4 VOLTS
CMSZDA2V4 CENTRAL-CMSZDA2V4_10 Datasheet
479Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES 275mW, 2.4 THRU 47 VOLTS
CMPZDA3V6 CENTRAL-CMPZDA3V6_15 Datasheet
395Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES
logo
RFE international
AZ23C2V7 RFE-AZ23C2V7 Datasheet
1Mb / 4P
Zener Diodes (Dual, Common Anode)
DEC-5-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com