Electronic Components Datasheet Search
  English  ▼

X  

MV209 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MV209
Description  Silicon Epicap Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MV209 Datasheet(HTML) 1 Page - Leshan Radio Company

  MV209 Datasheet HTML 1Page - Leshan Radio Company MV209 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
MBV109. MMBV109*. MV209*–1/2
1
3
2
Designed for general frequency control and tuning applications;
providing solid–state reliability in replacement of mechanical tuning
methods.
• High Q with Guaranteed Minimum Values at VHF Frequencies
• Controlled and Uniform Tuning Ratio
• Available in Surface Mount Package
Silicon Epicap Diode
3
CATHODE
1
ANODE
MAXIMUMRATINGS
Rating
Symbol
Value
Unit
MBV109T1
MMBV109LT1
MV209
Reverse Voltage
V R
30
Vdc
Forward Current
I F
200
mAdc
Device Dissipation
P D
@T A = 25°C
280
200
200
mW
Derate above 25°C
2.8
2.0
1.6
mW/°C
Junction Temperature
T J
+125
°C
Storage Temperature Range
T stg
–55 to +150
°C
DEVICEMARKING
MBV109T1= J4A, MMBV109LT1 =M4A, MV209 = MV209
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V (BR)R
30
—
—
Vdc
( I R = 10
µ Adc)
Reverse Voltage Leakage Current
I R
—
—
0.1
mAdc
( V R = 25Vdc)
Diode Capacitance Temperature Coefficient
TC C
—
300
—
ppm/°C
(V R = 3.0 Vdc, f = 1.0 MHz)
Device Type
Min
Nom
Max
Min
Min
Max
MBV109T1, MMBV109LT1, MV209
26
29
32
200
5.0
6.5
1. C R is the ratio of C t measured at 3 V dc divided by C t measured at 25 Vdc.
MMBV109LT1 is also available in bulk packaging. Use MMBV109L as the device title to order this device in bulk.
C T Diode Capacitance
VR =3.0Vdc, f =1.0MHz
p F
Q, Figure of
Merit
V R = 3.0Vdc
f = 50MHz
CR, Capacitance
Ratio
C3 / C 25
f=1.0MHz (Note 1)
MMBV109LT1
MBV109T1
MV209
CASE 318–08, STYLE 6
SOT– 23 (TO–236AB)
26–32 pF
VOLTAGE VARIABLE
CAPACITANCE DIODES


Similar Part No. - MV209

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MV209 ONSEMI-MV209 Datasheet
63Kb / 4P
Silicon Epicap Diodes
February, 2006 ??Rev. 5
MV209 ONSEMI-MV209 Datasheet
69Kb / 8P
Silicon Epicap Diodes
March, 2001 ??Rev. 1
MV209G ONSEMI-MV209G Datasheet
63Kb / 4P
Silicon Epicap Diodes
February, 2006 ??Rev. 5
More results

Similar Description - MV209

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMVL109T1 LRC-MMVL109T1 Datasheet
40Kb / 2P
Silicon Epicap Diode
logo
ON Semiconductor
MMBV109LT1 ONSEMI-MMBV109LT1 Datasheet
63Kb / 4P
Silicon Epicap Diodes
February, 2006 ??Rev. 5
MMVL109T1 ONSEMI-MMVL109T1 Datasheet
45Kb / 3P
Silicon Epicap Diodes
February, 2006 ??Rev. 1
logo
Fuji Electric
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
SILICON DIODE
logo
Sanken electric
EG01C SANKEN-EG01C Datasheet
137Kb / 4P
Silicon Diode
EM1A SANKEN-EM1A Datasheet
169Kb / 4P
Silicon Diode
logo
Unisonic Technologies
FCU20U20 UTC-FCU20U20 Datasheet
101Kb / 3P
SILICON DIODE
logo
ON Semiconductor
MBV109T1 ONSEMI-MBV109T1 Datasheet
69Kb / 8P
Silicon Epicap Diodes
March, 2001 ??Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com