Electronic Components Datasheet Search
  English  ▼

X  

MMDL101T1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # MMDL101T1
Description  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMDL101T1 Datasheet(HTML) 2 Page - Leshan Radio Company

  MMDL101T1 Datasheet HTML 1Page - Leshan Radio Company MMDL101T1 Datasheet HTML 2Page - Leshan Radio Company MMDL101T1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
S1–2/3
MMDL101T1
TYPICAL CHARACTERISTICS
T A, AMBIENT TEMPERATURE (°C)
Figure 1. Reverse Leakage
V F , FORWARD VOLTAGE (VOLTS)
Figure 2. Forward Voltage
V R , REVERSE VOLTAGE (VOLTS)
Figure 3. Capacitance
P LO , LOCAL OSCILLATOR POWER (mW)
Figure 4. Noise Figure
Figure 5. Noise Figure Test Circuit
NOTES ON TESTING AND SPECIFICATIONS
Note1—C C andC T are measured using a capacitance
bridge(Boonton Electronics Model 75A or
equivalent).
Note2—Noise figure measured with diode under test in
tuned diode mount using UHF noise source and
local oscillator (LO) frequency of 1.0 GHz.The
LO power is adjusted for 1.0 mW. I F amplifier
NF = 1.5 dB, f = 30MHz, see Figure 5.
1.0
0.7
0.5
0.2
0.1
0.07
0.05
0.02
0.01
30
40
50
60
70
80
90
100
110
120
130
100
10
1.0
0.1
0.3
0.4
0.5
0.6
0.7
0.8
1.0
0.9
0.8
0.7
0.6
0
1.0
2.0
3.0
4.0
11
10
9
8
7
6
5
4
3
2
1
0.1
0.2
0.5
1.0
2.0
5.0
10
LOCAL
OSCILLATOR
V R = 3.0 Vdc
T A = –40°C
LOCAL OSCILLATOR FREQUENCY = 1.0GHz
(Test Circuit Figure 5)
T A = 85°C
T A = 25°C
MMBD110T1
MMBD110T1
MMBD110T1
MMBD110T1
UHF
NOISE SOURCE
H.P. 349A
NOISE
FIGURE METER
H.P. 342A
DIODE IN
TUNED
MOUNT
IF AMPLIFIER
NF = 1.5 dB
f = 30 MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com