Electronic Components Datasheet Search
  English  ▼

X  

BCV47QTA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BCV47QTA
Description  60V NPN DARLINGTON TRANSISTOR IN SOT23
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCV47QTA Datasheet(HTML) 3 Page - Diodes Incorporated

  BCV47QTA Datasheet HTML 1Page - Diodes Incorporated BCV47QTA Datasheet HTML 2Page - Diodes Incorporated BCV47QTA Datasheet HTML 3Page - Diodes Incorporated BCV47QTA Datasheet HTML 4Page - Diodes Incorporated BCV47QTA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCV47
Document number: DS33001 Rev. 4 - 2
3 of 5
www.diodes.com
December 2012
© Diodes Incorporated
BCV47
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
80
—
—
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
60
—
—
V
ICEO = 10mA
Emitter-Base Breakdown Voltage
BVEBO
10
—
—
V
IEBO = 10µA
Collector cut-off current
ICBO
—
—
<1
—
100
10
nA
µA
VCB = 60V
VCB = 60V, TA = +150°C
Emitter-base Cut-off Current
IEBO
—
<1
100
nA
VEB = 4V
ON CHARACTERISTICS (Note 9)
Static Forward Current Transfer Ratio
hFE
2,000
4,000
10,000
2,000
—
—
—
IC = 100µA, VCE = 1V
IC = 10mA, VCE = 5V
IC = 100mA, VCE = 5V
IC = 500mA, VCE = 5V
Collector-Emitter Saturation Voltage
VCE(sat)
—
—
1.0
V
IC = 100mA, IB = 0.1mA
Base-Emitter Saturation Voltage
VBE(sat)
—
—
1.5
V
IC = 100mA, IB = 0.1mA
SMALL SIGNAL CHARACTERISTICS (Note 9)
Transition Frequency
fT
—
170
—
MHz
IC = 50mA, VCE = 5V,
f = 20MHz
Output Capacitance
Cobo
—
3.5
—
pF
VCB = 10V, f = 1MHz
Notes:
9. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com