Electronic Components Datasheet Search
  English  ▼

X  

MMDL6050T1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # MMDL6050T1
Description  Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMDL6050T1 Datasheet(HTML) 2 Page - Leshan Radio Company

  MMDL6050T1 Datasheet HTML 1Page - Leshan Radio Company MMDL6050T1 Datasheet HTML 2Page - Leshan Radio Company MMDL6050T1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
S3–2/3
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (I
F ) of 10mA.
Notes: 2. Input pulse is adjusted so I
R(peak) is equal to 10mA.
Notes: 3. t
p » t rr
Figure 1. Recovery Time Equivalent Test Circuit
+10 V
2.0 k
820
Ω
100
µH
0.1
µF
D U T
0.1
µF
50
Ω OUTPUT
PULSE
GENERATOR
t
r
50
Ω INPUT
SAMPLING
OSCILLOSCOPE
t
p
t
10%
90%
I
F
I
R
t
rr
t
i
R(REC) = 1.0 mA
OUTPUT PULSE
(I
F = I R = 10 mA; MEASURED
at i
R(REC) = 1.0 mA)
INPUTSIGNAL
I
F
V
R
MMDL6050T1
T A = 85°C
V F , FORWARD VOLTAGE (VOLTS)
Figure 2. Forward Voltage
V R , REVERSE VOLTAGE (VOLTS)
Figure 3. Leakage Current
V R , REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
TYPICAL CHARACTERISTICS
T A = –40°C
T A = 25°C
T A = 25°C
T A = 55°C
T A = 85°C
T A = 150°C
T A = 125°C
100
10
1.0
0.1
0.2
0.4
0.6
0.8
1.0
1.2
10
1.0
0.1
0.01
0.001
010
20
30
40
50
0.68
0.64
0.60
0.56
0.52
0.2
0.4
0.6
0.8
1.0
1.2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com