Electronic Components Datasheet Search
  English  ▼

X  

MMDL6050 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MMDL6050
Description  Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMDL6050 Datasheet(HTML) 1 Page - Leshan Radio Company

  MMDL6050 Datasheet HTML 1Page - Leshan Radio Company MMDL6050 Datasheet HTML 2Page - Leshan Radio Company MMDL6050 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
S3–1/3
CASE 477–02, STYLE 1
SOD-323
1
2
MMDL6050T1
Switching Diode
2
ANODE
1
CATHODE
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
V R
70
Vdc
Forward Current
I F
200
mAdc
Peak Forward Surge Current
I FM(surge)
500
mAdc
THERMALCHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board,*
P D
200
mW
T A = 25°C
Derate above 25°C
1.57
mW/°C
Thermal Resistance Junction to Ambient
R θJA
635
°C/W
Junction and Storage Temperature
T J , T stg
150
°C
**FR-4 Minimum Pad
DEVICE MARKING
MMDL6050T1 = 5A
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFFCHARACTERISTICS
Reverse Breakdown Voltage (I (BR) = 100
µAdc)
V (BR)
70
—
Vdc
Reverse Voltage Leakage Current
I R
—
0.1
µAdc
(V R = 50 Vdc)
Forward Voltage
V F
Vdc
(I F = 1.0 mAdc)
0.55
0.7
(I F = 100 mAdc)
0.85
1.1
Reverse Recovery Time
t rr
—
4.0
ns
(I F = I R = 10 mAdc, I R(REC) = 1.0 mAdc) (Figure 1)
Capacitance (V R = 0 V)
C
—
2.5
pF


Similar Part No. - MMDL6050

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MMDL6050 LUGUANG-MMDL6050 Datasheet
218Kb / 2P
High Speed Switching Diodes
logo
WILLAS ELECTRONIC CORP
MMDL6050 WILLAS-MMDL6050 Datasheet
327Kb / 3P
200mA Surface Mount Switching Diode - 70V
logo
Microdiode Semiconducto...
MMDL6050 CHENDA-MMDL6050 Datasheet
323Kb / 3P
High speed switching diodes
logo
Galaxy Semi-Conductor H...
MMDL6050 BILIN-MMDL6050 Datasheet
148Kb / 3P
High speed switching diodes
Rev.A
MMDL6050 BILIN-MMDL6050 Datasheet
101Kb / 3P
High speed switching diodes
More results

Similar Description - MMDL6050

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com