Electronic Components Datasheet Search
  English  ▼

X  

MMDL914 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MMDL914
Description  High-Speed Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMDL914 Datasheet(HTML) 1 Page - Leshan Radio Company

  MMDL914 Datasheet HTML 1Page - Leshan Radio Company MMDL914 Datasheet HTML 2Page - Leshan Radio Company MMDL914 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
S5–1/3
High –Speed Switching Diode
CASE 477– 02, STYLE 1
SOD– 323
1
2
MMDL914T1
2
ANODE
1
CATHODE
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
V R
100
Vdc
Forward Current
I F
200
mAdc
Peak Forward Surge Current
I FM(surge)
500
mAdc
THERMALCHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board,*
P D
200
mW
T A = 25°C
Derate above 25°C
1.57
mW/°C
Thermal Resistance Junction to Ambient
R θJA
635
°C/W
Junction and Storage Temperature
T J , T stg
150
°C
**FR-4 Minimum Pad
DEVICE MARKING
MMDL914T1 = 5D
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFFCHARACTERISTICS
Reverse Breakdown Voltage
(I R = 100
µAdc)
V (BR)
100
—
Vdc
Reverse Voltage Leakage Current
I R
(V R = 20Vdc)
—
25
nAdc
(V R = 75Vdc)
—
5.0
µAdc
Diode Voltage
C T
—
4.0
pF
(V R =0, f =1.0MHz )
Forward Voltage
V F
—
1.0
Vdc
(I F = 10 mAdc)
Reverse Recovery Time
t rr
—
4.0
ns
(I F = I R = 10 mAdc ) (Figure 1)


Similar Part No. - MMDL914

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMDL914 ZOWIE-MMDL914 Datasheet
47Kb / 2P
SURFACE MOUNT HIGH-SPEED SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
MMDL914 SECOS-MMDL914 Datasheet
3Mb / 2P
Surface Mount Switching Diode
logo
Micro Commercial Compon...
MMDL914 MCC-MMDL914 Datasheet
202Kb / 3P
High Speed Switching Diode
logo
Shenzhen Luguang Electr...
MMDL914 LUGUANG-MMDL914 Datasheet
218Kb / 2P
High Speed Switching Diodes
logo
WILLAS ELECTRONIC CORP
MMDL914 WILLAS-MMDL914 Datasheet
313Kb / 3P
200mA Surface Mount Switching Diode - 100V
More results

Similar Description - MMDL914

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com