Electronic Components Datasheet Search
  English  ▼

X  

D40C4 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # D40C4
Description  NPN SILICON DARLINGTON POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

D40C4 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  D40C4 Datasheet HTML 1Page - Central Semiconductor Corp D40C4 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D40C4
NPN SILICON
DARLINGTON POWER
TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR D40C4 type is an
NPN silicon Darlington power transistor designed for
general purpose amplifier applications where high gain
is required.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
UNITS
Collector-Emitter Voltage
VCES
40
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
13
V
Continuous Collector Current
IC
0.5
A
Peak Collector Current
ICM
1.0
A
Power Dissipation
PD
6.25
W
Operating and Storage Junction Temperature
TJ, Tstg
-55 to +150
°C
Thermal Resistance
ΘJC
20
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICES
VCE=40V
500
nA
ICBO
VCE=40V, TC=150°C
20
μA
IEBO
VEB=13V
100
nA
BVCEO
lC=10mA
40
V
VCE(SAT)
lC=500mA, IB=0.5mA
1.5
V
VBE(SAT)
lC=500mA, IB=0.5mA
2.0
V
hFE
VCE=5.0V, IC=200mA
10K
70K
fT
VCE=5.0V, lC=20mA
80
MHz
Ccb
VCB=10V, f=1.0MHz
10
pF
ton
lC=1.0A, IB1=1.0mA
120
ns
toff
lC=1.0A, IB1=IB2=1.0mA
1200
ns
TO-202 CASE
R1 (23-January 2012)
www.centr a lsemi.com


Similar Part No. - D40C4

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
D40C4 NJSEMI-D40C4 Datasheet
1Mb / 2P
30-50 VOLTS .5 AMP, 6.25 WATTS
More results

Similar Description - D40C4

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Micro Commercial Compon...
2N6045 MCC-2N6045 Datasheet
470Kb / 2P
NPN Silicon Power Darlington Transistor
TIP110 MCC-TIP110_11 Datasheet
234Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Central Semiconductor C...
BD675 CENTRAL-BD675 Datasheet
337Kb / 2P
NPN SILICON POWER DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
TIP152 NJSEMI-TIP152 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
MJH11018 NJSEMI-MJH11018 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
TIP142T NJSEMI-TIP142T Datasheet
80Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
Silicon NPN Darlington Power Transistor
2SD1124 ISC-2SD1124 Datasheet
260Kb / 2P
Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com