Electronic Components Datasheet Search
  English  ▼

X  

MMVL3102T1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MMVL3102T1
Description  Silicon Tuning Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMVL3102T1 Datasheet(HTML) 1 Page - Leshan Radio Company

  MMVL3102T1 Datasheet HTML 1Page - Leshan Radio Company MMVL3102T1 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
MMVL3102T1–1/2
PLASTIC, CASE 477
SOD– 323
1
2
2
ANODE
1
CATHODE
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VR
Continuous Reverse Voltage
30
Vdc
IF
Peak Forward Current
200
mAdc
THERMALCHARACTERISTICS
Symbol
Characteristic
Max
Unit
PD
Total Device Dissipation FR–5 Board,*
200
mW
TA = 25°C
Derate above 25°C
1.57
mW/°C
RθJA
Thermal Resistance Junction to Ambient
635
°C/W
TJ, Tstg
Junction and Storage Temperature
150
°C
*FR–4 Minimum Pad
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse BreakdownVoltage
V(BR)R
30
—
—
Vdc
(IR = 10
µAdc)
Rev
erse Voltage Leakage Current
IR
—
—
0.1
µAdc
(VR = 25 Vdc, TA = 25°C)
Diode Capacitance Temperature Coefficient
TCC
—
300
—
ppm/°C
(VR = 4.0 Vdc, f = 1.0 MHz)
Ct, Diode Capacitance
Q, Figure of Merit
CR, Capacitance Ratio
VR = 3.0 Vdc, f = 1.0 MHz
VR = 3.0 Vdc
C3/C25
pF
f = 50 MHz
f = 1.0 MHz
Device
Min
Nom
Max
Min
Min
Max
MMVL3102T1
20
22
25
200
4.5
4.8
This device is designed in the Surface Mount package for general
frequency control and tuning applications. It provides solid–state reliability
in replacement of mechanical tuning methods.
• High Q with Guaranteed Minimum Values at VHF Frequencies
• Controlled and Uniform Tuning Ratio
• Device Marking: 4C
MMVL3102T1
22 pF (Nominal) 30 VOLTS
VOLTAGEVARIABLE
CAPACITANCEDIODE
Silicon Tuning Diode
ORDERING INFORMATION
Device
Package
Shipping
MMVL3102T1
SOD–323
3000 / Tape & Reel


Similar Part No. - MMVL3102T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMVL3102T1 ONSEMI-MMVL3102T1 Datasheet
45Kb / 3P
Silicon Tuning Diode
February, 2006 ??Rev. 2
MMVL3102T1G ONSEMI-MMVL3102T1G Datasheet
45Kb / 3P
Silicon Tuning Diode
February, 2006 ??Rev. 2
MMVL3102T1 ONSEMI-MMVL3102T1_06 Datasheet
45Kb / 3P
Silicon Tuning Diode
February, 2006 ??Rev. 2
More results

Similar Description - MMVL3102T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
Silicon Tuning Diode
2007-04-20
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
Silicon Tuning Diode
2007-04-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com