Electronic Components Datasheet Search
  English  ▼

X  

UPD9611 Datasheet(PDF) 17 Page - NEC

Part # UPD9611
Description  FOUR-CHANNEL PCM CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9611 Datasheet(HTML) 17 Page - NEC

Back Button UPD9611 Datasheet HTML 13Page - NEC UPD9611 Datasheet HTML 14Page - NEC UPD9611 Datasheet HTML 15Page - NEC UPD9611 Datasheet HTML 16Page - NEC UPD9611 Datasheet HTML 17Page - NEC UPD9611 Datasheet HTML 18Page - NEC UPD9611 Datasheet HTML 19Page - NEC UPD9611 Datasheet HTML 20Page - NEC UPD9611 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
µPD9611
17
AC CHARACTERISTICS (TA = –20 to +85
°C, VDD = 5 ± 0.25 V, GND = 0 V, fDCLK = 2048 kHz)
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Data enable delay time
tDZX1
DX when FSC is behind DCLK
100
ns
tDZX2
DX when FSC is ahead of DCLK
100
ns
Data delay time
tDDX
DX pin
100
ns
Data hold time
tHZX
DX pin
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com