Electronic Components Datasheet Search
  English  ▼

X  

MMVL3401T1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MMVL3401T1
Description  Silicon Pin Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMVL3401T1 Datasheet(HTML) 1 Page - Leshan Radio Company

  MMVL3401T1 Datasheet HTML 1Page - Leshan Radio Company MMVL3401T1 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
MMVL3401T1–1/2
PLASTIC, CASE 477
SOD– 323
1
2
2
ANODE
1
CATHODE
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VR
Continuous Reverse Voltage
20
Vdc
IF
Peak Forward Current
20
mAdc
THERMALCHARACTERISTICS
Symbol
Characteristic
Max
Unit
PD
Total Device Dissipation FR–5 Board,*
200
mW
TA = 25°C
Derate above 25°C
1.57
mW/°C
RθJA
Thermal Resistance Junction to Ambient
635
°C/W
TJ, Tstg
Junction and Storage Temperature
150
°C
*FR–4 Minimum Pad
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse BreakdownVoltage
V(BR)R
35
—
—
Vdc
(IR = 10
µAdc)
Diode Capacitance
C
T
—
—
1.0
pF
(V
R = 20 Vdc)
Series Resistance
R
S
—
–
0.7
Ω
(I
F = 10 mAdc, f =100MHz)
Reverse Leakage Current
I
R
—
—
0.1
µAdc
(V
R = 25 Vdc)
This device is designed primarily for VHF band switching applications but is also
suitable for use in general–purpose switching circuits. Supplied in a Surface Mount
package.
• Rugged PIN Structure Coupled with Wirebond Construction
for Optimum Reliability
• Low Capacitance – 0.7 pF Typ at VR = 20 Vdc
• Very Low Series Resistance at 100 MHz – 0.34 Ohms (Typ)
@ IF = 10 mAdc
• Device Marking: 4D
MMVL3401T1
SILICON PIN
SWITCHINGDIODE
Silicon Pin Diode
ORDERING INFORMATION
Device
Package
Shipping
MMVL3401T1
SOD–323
3000 / Tape & Reel


Similar Part No. - MMVL3401T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMVL3401T1 ONSEMI-MMVL3401T1 Datasheet
33Kb / 4P
Silicon Pin Diode
January, 2000 ??Rev. 1
MMVL3401T1G ONSEMI-MMVL3401T1G Datasheet
87Kb / 3P
Silicon Pin Diode
September, 2010 ??Rev. 4
More results

Similar Description - MMVL3401T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
Silicon PIN diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
Silicon PIN diode
2004 Feb 17
logo
Advanced Semiconductor
AP1000C-11 ASI-AP1000C-11 Datasheet
15Kb / 1P
SILICON PIN DIODE
logo
NXP Semiconductors
BAP27-01 PHILIPS-BAP27-01 Datasheet
77Kb / 7P
Silicon PIN diode
2001 Nov 01
BAP63-03 PHILIPS-BAP63-03 Datasheet
66Kb / 7P
Silicon PIN diode
2004 Feb 11
BAP63-05 PHILIPS-BAP63-05 Datasheet
76Kb / 6P
Silicon PIN diode
2000 Feb 17
BAP70-02 NXP-BAP70-02 Datasheet
229Kb / 6P
Silicon PIN diode
Rev. 05-2 January 2008
logo
Guangdong Kexin Industr...
BAP64-02 KEXIN-BAP64-02 Datasheet
35Kb / 1P
Silicon PIN diode
BAP63-02 KEXIN-BAP63-02 Datasheet
36Kb / 2P
Silicon PIN diode
logo
Infineon Technologies A...
BA595E6327 INFINEON-BA595E6327 Datasheet
903Kb / 10P
Silicon PIN Diode
2011-07-21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com