Electronic Components Datasheet Search
  English  ▼

X  

STUD303S Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STUD303S
Description  S uper high dense cell design for low R DS (ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD303S Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STUD303S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD303S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD303S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD303S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD303S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD303S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD303S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD303S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
-30
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
Parameter
S ymbol
Limit
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
VGS
20
V
Drain Current-Continuous @ Tc=25 C
-Pulsed
ID
-24
-96
-20
50
A
A
A
W
IDM
Drain-S ource Diode Forward Current
IS
Maximum Power Dissipation
PD
Operating Junction and S torage
Temperature R ange
TJ, TS TG
-55 to 175
C
THE R MAL CHAR ACTE R IS TICS
a
1
N
2007
S amHop Microelectronics C orp.
P R ODUC T S UMMAR Y
V DS S
ID
-24A
28 @ V GS = -10V
40 @ V GS = -4.5V
-30V
S TU/D303S
S TU S E R IE S
TO-252AA(D-PAK)
S TD S E R IE S
TO-251(l-PAK)
G
G
S
S
D
D
Thermal R esistance, Junction-to-Case
Thermal R esistance, Junction-to-Ambient
R JC
3
50
R JA
/W
C
/W
C
P-Channel E nhancement Mode Field E ffect Transistor
@ Tc=25 C
ov,16,
S urface Mount Package.
F E AT UR E S
S uper high dense cell design for low R DS(ON).
R ugged and reliable.
E S D Procteced
S
G
D
RDS(ON) (mW
) Max


Similar Part No. - STUD303S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STUD3030NLS SAMHOP-STUD3030NLS Datasheet
131Kb / 9P
S uper high dense cell design for low R DS (ON).
More results

Similar Description - STUD303S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDT02N02 SAMHOP-SDT02N02 Datasheet
129Kb / 7P
S uper high dense cell design for low R DS (ON).
STA6968 SAMHOP-STA6968 Datasheet
118Kb / 6P
S uper high dense cell design for low R DS (ON).
STM4470A SAMHOP-STM4470A Datasheet
123Kb / 7P
S uper high dense cell design for low R DS (ON).
STS2306A SAMHOP-STS2306A Datasheet
145Kb / 7P
S uper high dense cell design for low R DS (ON).
STS2306E SAMHOP-STS2306E Datasheet
141Kb / 7P
S uper high dense cell design for low R DS (ON).
STUD302S SAMHOP-STUD302S Datasheet
110Kb / 9P
S uper high dense cell design for low R DS (ON).
STUD410S SAMHOP-STUD410S Datasheet
90Kb / 8P
S uper high dense cell design for low R DS (ON).
STUD428S SAMHOP-STUD428S Datasheet
100Kb / 9P
S uper high dense cell design for low R DS (ON).
STUD2030PLS SAMHOP-STUD2030PLS Datasheet
131Kb / 9P
S uper high dense cell design for low R DS (ON).
STUD3055L SAMHOP-STUD3055L Datasheet
125Kb / 8P
S uper high dense cell design for low R DS (ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com