Electronic Components Datasheet Search
  English  ▼

X  

STUD336S Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

Part # STUD336S
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD336S Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

  STUD336S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD336S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD336S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD336S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD336S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD336S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD336S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD336S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STU/D336S
Ver 1.0
www.samhop.com.tw
Jul,18,2012
7
TO-252
0.127
0.633
0.889
1.092
5.969
9.601
0.460
0.560
0.889
1.143
L4
0.508
2.286
BSC
b1
b2
6.400
6.731
b
L3
1.313
1.651
L1
A1
2.666
3.174
L2
5.515
5.415
1
2
3
E1
D
E
b2
D1
L3
L4
b1
e
b
H
C
A
DETAIL "A"
1
L
L1
A1
L2
DETAIL "A"
A
2.184
2.388
MAX
MIN
0.000
0.666
5.207
5.461
C
0.460
0.584
D
6.223
D1
E
e
10.286
L
H
1.016
1
0°
7°
8°
REF.
MAX
MIN
MILLIMETERS
INCHES
0.086
0.094
0.000
0.005
0.025
0.035
0.026
0.043
0.205
0.215
0.018
0.023
0.235
0.245
0.213
0.217
0.252
0.265
0.090
BSC
0.378
0.405
0.052
0.065
0.105
0.125
0.018
0.022
0.035
0.045
0.020
0.040
0°
7°
8°
REF.
SYMBOLS
E1
4.902
5.004
0.193
0.197



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com